Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC0X06M05 Datasheet(PDF) 1 Page - Texas Instruments

Part # AMC0X06M05
Description  AMC0x06M05 Precision, ±50mV Input Isolated Delta-Sigma Modulators With External Clock
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0X06M05 Datasheet(HTML) 1 Page - Texas Instruments

  AMC0X06M05 Datasheet HTML 1Page - Texas Instruments AMC0X06M05 Datasheet HTML 2Page - Texas Instruments AMC0X06M05 Datasheet HTML 3Page - Texas Instruments AMC0X06M05 Datasheet HTML 4Page - Texas Instruments AMC0X06M05 Datasheet HTML 5Page - Texas Instruments AMC0X06M05 Datasheet HTML 6Page - Texas Instruments AMC0X06M05 Datasheet HTML 7Page - Texas Instruments AMC0X06M05 Datasheet HTML 8Page - Texas Instruments AMC0X06M05 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
AMC0x06M05 Precision, ±50mV Input
Isolated Delta-Sigma Modulators With External Clock
1 Features
• Linear input voltage range: ±50mV
• Supply voltage range:
– High-side (AVDD): 3.0V to 5.5V
– Low-side (DVDD): 2.7V to 5.5V
• Low DC errors:
– Offset error: ±200µV (maximum)
– Offset drift: ±1.2µV/°C (maximum)
– Gain error: ±0.3% (maximum)
– Gain drift: ±50ppm/°C (maximum)
• High CMTI: 150V/ns (minimum)
• Missing high-side supply detection
• Low EMI: Meets CISPR-11 and CISPR-25
standards
• Isolation ratings:
– AMC0206M05: Basic isolation
– AMC0306M05: Reinforced Isolation
• Safety-related certifications:
– DIN EN IEC 60747-17 (VDE 0884-17)
– UL 1577
• Fully specified over the extended industrial
temperature range: –40°C to +125°C
2 Applications
• Motor drives
• Photovoltaic inverters
• Server power-supply units (PSU)
• Energy storage systems
3 Description
The AMC0x06M05 is a precision, galvanically isolated
delta-sigma (ΔΣ) modulator with a ±50mV, differential
input and digital output. The input is optimized
for connection to low-impedance shunt resistors
commonly used for current-sensing applications.
The isolation barrier separates parts of the system
that operate on different common-mode voltage
levels. The isolation barrier is highly resistant to
magnetic interference. This barrier is certified to
provide reinforced isolation up to 5kVRMS (DWV
package) and basic isolation up to 3kVRMS (D
package) (60s).
The output bitstream of the AMC0x06M05 is
synchronized to an external clock. Combined with a
sinc3, OSR 256 filter, the device achieves 16 effective
bits of resolution or 84dB of dynamic range, at a
78kSPS sample rate.
The AMC0x06M05 comes in 8-pin, wide- and narrow-
body SOIC packages. The device is fully specified
over the temperature range from –40°C to +125°C.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
AMC0206M05 (3)
D (SOIC 8)
4.9mm × 6mm
AMC0306M05
DWV (SOIC 8)
5.85mm × 11.50mm
(1)
For more information, see the Mechanical, Packaging, and
Orderable Information .
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
Product Preview information (not Production Data).
DVDD
Low-side supply
(3.3 V or 5 V)
CLKIN
DOUT
DGND
AGND
INP
INN
AVDD
I
High-side supply
(3.3 V or 5 V)
ISO
-ADC
MCU
+50 mV
0 V
–50 mV
Typical Application
AMC0206M05, AMC0306M05
SBASAY8 – OCTOBER 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - AMC0X06M05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC0X06M05 TI2-AMC0X06M05 Datasheet
1Mb / 44P
AMC0x06M05 Precision, ±50mV Input Isolated Delta-Sigma Modulators With External Clock
OCTOBER 2025
AMC0X06M05-Q1 TI2-AMC0X06M05-Q1 Datasheet
1Mb / 44P
AMC0x06M05-Q1 Automotive, Precision, ±50mV Input Isolated Delta-Sigma Modulators With External Clock
OCTOBER 2025
AMC0X06M05-Q1 TI2-AMC0X06M05-Q1 Datasheet
2Mb / 47P
AMC0x06M05-Q1 Automotive, Precision, ±50mV Input Isolated Delta-Sigma Modulators With External Clock
OCTOBER 2025
More results

Similar Description - AMC0X06M05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1303E0510 TI1-AMC1303E0510 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1106E05 TI1-AMC1106E05 Datasheet
1Mb / 38P
Small, High-Precision, Basic Isolated Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com