Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC0X06M05 Datasheet(PDF) 30 Page - Texas Instruments

Part # AMC0X06M05
Description  AMC0x06M05 Precision, ±50mV Input Isolated Delta-Sigma Modulators With External Clock
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0X06M05 Datasheet(HTML) 30 Page - Texas Instruments

Back Button AMC0X06M05 Datasheet HTML 26Page - Texas Instruments AMC0X06M05 Datasheet HTML 27Page - Texas Instruments AMC0X06M05 Datasheet HTML 28Page - Texas Instruments AMC0X06M05 Datasheet HTML 29Page - Texas Instruments AMC0X06M05 Datasheet HTML 30Page - Texas Instruments AMC0X06M05 Datasheet HTML 31Page - Texas Instruments AMC0X06M05 Datasheet HTML 32Page - Texas Instruments AMC0X06M05 Datasheet HTML 33Page - Texas Instruments AMC0X06M05 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
7.4 Device Functional Modes
The AMC0x06M05 operates in one of the following states:
• OFF-state: The low-side of the device (DVDD) is below the DVDDUV threshold. The device is not responsive.
DOUT is Hi-Z state. Internally, DOUT and CLKIN are clamped to DVDD and DGND by ESD protection
diodes.
• Missing high-side supply: The low-side of the device (DVDD) is supplied and within the limits listed in the
Recommended Operating Conditions . The high-side supply (AVDD) is below the AVDDUV threshold. The
device outputs a constant bitstream of logic 0's, as described in the Output Behavior in Case of Missing
High-Side Supply section.
• Analog input overrange (positive full-scale input): AVDD and DVDD are within the recommended operating
conditions. However, the analog input voltage VIN = (V INP – V INN ) is above the maximum clipping voltage
(VClipping, MAX). The device outputs a logic 0 every 128 clock cycles, as described in the Output Behavior in
Case of a Full-Scale Input section.
• Analog input underrange (negative full-scale input): AVDD and DVDD are within the recommended operating
conditions. However, the analog input voltage VIN = (V INP – V INN ) is below the minimum clipping voltage
(VClipping, MIN). The device outputs a logic 1 every 128 clock cycles, as described in the Output Behavior in
Case of a Full-Scale Input section.
• Normal operation: AVDD, DVDD, and VIN are within the recommended operating conditions. The device
outputs a digital bitstream, as explained in the Digital Output section.
Table 7-1 lists the operational modes.
Table 7-1. Device Operational Modes
OPERATINAL
MODE
AVDD
DVDD
VIN
DEVICE
RESPONSE
OFF
Don't care
VDVDD < DVDDUV
Don't care
DOUT is Hi-Z state. Internally, DOUT and CLKIN
are clamped to DVDD and DGND by ESD
protection diodes.
Missing high-side
supply
VAVDD < AVDDUV
Valid(1)
Don't care
The device outputs a constant bitstream of logic
0's, as described in the Output Behavior in Case
of Missing High-Side Supply section.
Input overrange
Valid(1)
Valid(1)
VIN > VClipping, MAX
The device outputs a logic 0 every 128 clock
cycles, as described in the Output Behavior in
Case of a Full-Scale Input section.
Input underrange
Valid(1)
Valid(1)
VIN < VClipping, MIN
The device outputs a logic 1 every 128 clock
cycles, as described in the Output Behavior in
Case of a Full-Scale Input section.
Normal operation
Valid(1)
Valid(1)
Valid(1)
Normal operation
(1)
Valid denotes the value is within the recommended operating conditions.
AMC0206M05, AMC0306M05
SBASAY8 – OCTOBER 2025
www.ti.com
30
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC0206M05 AMC0306M05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com