Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213 Datasheet(PDF) 26 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15225/45 Full-Featured 14/20-Pin Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 26 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 22Page - Microchip Technology PIC16F15213 Datasheet HTML 23Page - Microchip Technology PIC16F15213 Datasheet HTML 24Page - Microchip Technology PIC16F15213 Datasheet HTML 25Page - Microchip Technology PIC16F15213 Datasheet HTML 26Page - Microchip Technology PIC16F15213 Datasheet HTML 27Page - Microchip Technology PIC16F15213 Datasheet HTML 28Page - Microchip Technology PIC16F15213 Datasheet HTML 29Page - Microchip Technology PIC16F15213 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 408 page
background image
8.6.4
CONFIG4
Name: 
CONFIG4
Offset: 
0x800A
Configuration Word 4
Bit
15
14
13
12
11
10
9
8
LVP
WRTSAF
WRTC
WRTB
Access
R/W
R/W
R/W
R/W
Reset
1
1
1
1
Bit
7
6
5
4
3
2
1
0
WRTAPP
SAFEN
BBEN
BBSIZE[2:0]
Access
R/W
R/W
R/W
R/W
R/W
R/W
Reset
1
1
1
1
1
1
Bit 13 – LVP  Low-Voltage Programming Enable(1)
Value
Description
1
Low-Voltage Programming is enabled. MCLR/VPP pin function is MCLR. The MCLRE bit is ignored.
0
High voltage (HV) on MCLR/VPP must be used for programming.
Bit 11 – WRTSAF  Storage Area Flash (SAF) Write Protection(2,3)
Value
Description
1
SAF is NOT write-protected
0
SAF is write-protected
Bit 9 – WRTC  Configuration Registers Write-Protection(2)
Value
Description
1
Configuration registers are NOT write-protected
0
Configuration registers are write-protected
Bit 8 – WRTB  Boot Block Write-Protection(2,4)
Value
Description
1
Boot Block is NOT write-protected
0
Boot Block is write-protected
Bit 7 – WRTAPP  Application Block Write-Protection(2)
Value
Description
1
Application Block is NOT write-protected
0
Application Block is write-protected
Bit 4 – SAFEN  Storage Area Flash (SAF) Enable(2)
Value
Description
1
SAF is disabled
0
SAF is enabled
Bit 3 – BBEN  Boot Block Enable(2)
Value
Description
1
Boot Block is disabled
0
Boot Block is enabled
PIC16F15225/45
Device Configuration
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS20006389B-page 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com