Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213 Datasheet(PDF) 63 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15225/45 Full-Featured 14/20-Pin Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 63 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 59Page - Microchip Technology PIC16F15213 Datasheet HTML 60Page - Microchip Technology PIC16F15213 Datasheet HTML 61Page - Microchip Technology PIC16F15213 Datasheet HTML 62Page - Microchip Technology PIC16F15213 Datasheet HTML 63Page - Microchip Technology PIC16F15213 Datasheet HTML 64Page - Microchip Technology PIC16F15213 Datasheet HTML 65Page - Microchip Technology PIC16F15213 Datasheet HTML 66Page - Microchip Technology PIC16F15213 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 408 page
background image
Note: 
1.
In this specific case, ‘Release of POR’ and ‘Wake-up from Sleep’, there is no delay in start-up. The BOR ready
flag, (BORRDY = 1), will be set before the CPU is ready to execute instructions because the BOR circuit is
forced on by the BOREN bits.
Figure 10-2. Brown-out Situations
TPWRT(1)
VBOR
VDD
Internal
Reset
VBOR
VDD
Internal
Reset
TPWRT(1)
< TPWRT
TPWRT(1)
VBOR
VDD
Internal
Reset
Rev. 30-000092A
4/12/2017
Note:  TPWRT delay when the PWRTS bits are enabled (PWRTS != 00).
10.2.4
BOR is Always OFF
When the BOREN bits are programmed to ‘00’, the BOR is always disabled. In the configuration, setting the
SBOREN bit will have no affect on BOR operations.
10.3
MCLR Reset
The MCLR is an optional external input that can reset the device. The MCLR function is controlled by the MCLRE bit
and the LVP bit (see Table 10-2). The RMCLR bit will be set to ‘0’ if a MCLR has occurred.
Table 10-2. MCLR Configuration
MCLRE
LVP
MCLR
x
1
Enabled
1
0
Enabled
0
0
Disabled
10.3.1
MCLR Enabled
When MCLR is enabled and the pin is held low, the device is held in Reset. The MCLR pin is connected to VDD
through an internal weak pull-up.
The device has a noise filter in the MCLR Reset path. The filter will detect and ignore small pulses.
Important:  An internal Reset event (RESET instruction, BOR, WDT, POR, STKOVF, STKUNF) does not
drive the MCLR pin low.
PIC16F15225/45
Resets
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS20006389B-page 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com