Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213 Datasheet(PDF) 42 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15225/45 Full-Featured 14/20-Pin Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 42 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 38Page - Microchip Technology PIC16F15213 Datasheet HTML 39Page - Microchip Technology PIC16F15213 Datasheet HTML 40Page - Microchip Technology PIC16F15213 Datasheet HTML 41Page - Microchip Technology PIC16F15213 Datasheet HTML 42Page - Microchip Technology PIC16F15213 Datasheet HTML 43Page - Microchip Technology PIC16F15213 Datasheet HTML 44Page - Microchip Technology PIC16F15213 Datasheet HTML 45Page - Microchip Technology PIC16F15213 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 408 page
background image
Figure 9-7. Memory Map - Bank 61
1E80h
1E8Bh
Core Registers
1E8Ch
—
1E8Dh
—
1E8Eh
—
1E8Fh
PPSLOCK
1E90h
INTPPS
1E91h
T0CKIPPS
1E92h
T1CKIPPS
1E93h
T1GPPS
1E94h -
1E9Bh
—
1E9Ch
T2INPPS
1E9Dh
—
1E9Eh
—
1E9 Fh
—
1EA0h
—
1EA1h
CCP1PPS
1EA2h
CCP2PPS
1EA3h -
1EC2h
—
1EC3h
ADACTPPS
1EC4h
—
1EC5h
SSP1CLKPPS
1EC6h
SSP1DATPPS
1EC7h
SSP1SSPPS
1EC8h
—
1EC9h
—
1ECAh
—
1ECBh
RX1PPS
1ECCh
TX1PPS
1ECDh
-
1EEFh
—
1EF0h
1EFFh
Common RAM
(Accesses
70h-7Fh)
Legend:
Unimplemented data memory locations, read as '0'
BANK 61
PIC16F15225/45
Memory Organization
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS20006389B-page 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com