Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213 Datasheet(PDF) 100 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15225/45 Full-Featured 14/20-Pin Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 100 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 96Page - Microchip Technology PIC16F15213 Datasheet HTML 97Page - Microchip Technology PIC16F15213 Datasheet HTML 98Page - Microchip Technology PIC16F15213 Datasheet HTML 99Page - Microchip Technology PIC16F15213 Datasheet HTML 100Page - Microchip Technology PIC16F15213 Datasheet HTML 101Page - Microchip Technology PIC16F15213 Datasheet HTML 102Page - Microchip Technology PIC16F15213 Datasheet HTML 103Page - Microchip Technology PIC16F15213 Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 408 page
background image
14.6.1
WDTCON
Name: 
WDTCON
Offset: 
0x80C
Watchdog Timer Control Register
Bit
7
6
5
4
3
2
1
0
CS
PS[4:0]
SEN
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
Bit 7 – CS Watchdog Timer Clock Source Selection
Value
Description
1
MFINTOSC (31.25 kHz)
0
LFINTOSC (31 kHz)
Bits 5:1 – PS[4:0]  Watchdog Timer Prescale Selection(1)
Value
Description
11111 -
10011
Reserved. Results in minimum interval (1:32)
10010
1:8388608 (Interval 256s nominal)
10001
1:4194304 (Interval 128s nominal)
10000
1:2097152 (Interval 64s nominal)
01111
1:1048576 (Interval 32s nominal)
01110
1:524288 (Interval 16s nominal)
01101
1:262144 (Interval 8s nominal)
01100
1:131072 (Interval 4s nominal)
01011
1:65536 (Interval 2s nominal) (Reset value)
01010
1:32768 (Interval 1s nominal)
01001
1:16384 (Interval 512 ms nominal)
01000
1:8192 (Interval 256 ms nominal)
00111
1:4096 (Interval 128 ms nominal)
00110
1:2048 (Interval 64 ms nominal)
00101
1:1024 (Interval 32 ms nominal)
00100
1:512 (Interval 16 ms nominal)
00011
1:256 (Interval 8 ms nominal)
00010
1:128 (Interval 4 ms nominal)
00001
1:64 (Interval 2 ms nominal)
00000
1:32 (Interval 1 ms nominal)
Bit 0 – SEN Software WDT Enable/Disable
Value
Condition
Description
x
If WDTE[1:0] ≠ 01
This bit is ignored
1
If WDTE[1:0] = 01
WDT is enabled
0
If WDTE[1:0] = 01
WDT is disabled
Note: 
1.
Times are approximate and based on the 31 kHz LFINTOSC clock source.
PIC16F15225/45
WDT - Watchdog Timer
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS20006389B-page 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com