Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M40SZ100W Datasheet(PDF) 16 Page - STMicroelectronics

Part # M40SZ100W
Description  5V or 3V NVRAM supervisor for LPSRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40SZ100W Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M40SZ100W Datasheet HTML 12Page - STMicroelectronics M40SZ100W Datasheet HTML 13Page - STMicroelectronics M40SZ100W Datasheet HTML 14Page - STMicroelectronics M40SZ100W Datasheet HTML 15Page - STMicroelectronics M40SZ100W Datasheet HTML 16Page - STMicroelectronics M40SZ100W Datasheet HTML 17Page - STMicroelectronics M40SZ100W Datasheet HTML 18Page - STMicroelectronics M40SZ100W Datasheet HTML 19Page - STMicroelectronics M40SZ100W Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
DC and AC parameters
M40SZ100Y, M40SZ100W
16/25
4
DC and AC parameters
This section summarizes the operating and measurement conditions, as well as the DC and
AC characteristics of the device. The parameters in the following DC and AC Characteristic
tables are derived from tests performed under the Measurement Conditions listed in Table 5:
DC and AC measurement conditions. Designers should check that the operating conditions
in their projects match the measurement conditions when using the quoted parameters.
Table 5.
DC and AC measurement conditions
Figure 10.
AC testing load circuit
Note:
CL = 100pF for M40SZ100Y and 50pF for M40SZ100W.
Parameter
M40SZ100Y
M40SZ100W
VCC supply voltage
4.5 to 5.5V
2.7 to 3.6V
Ambient operating temperature
–40 to 85°C
–40 to 85°C
Load capacitance (CL)
100pF
50pF
Input rise and fall times
≤ 5ns
≤ 5ns
Input pulse voltages
0.2 to 0.8VCC
0.2 to 0.8VCC
Input and output timing ref. voltages
0.3 to 0.7VCC
0.3 to 0.7VCC
AI02393
CL = 100pF
or 50pF
CL includes JIG capacitance
333
Ω
DEVICE
UNDER
TEST
1.73V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com