Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M40SZ100W Datasheet(PDF) 18 Page - STMicroelectronics

Part # M40SZ100W
Description  5V or 3V NVRAM supervisor for LPSRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40SZ100W Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M40SZ100W Datasheet HTML 14Page - STMicroelectronics M40SZ100W Datasheet HTML 15Page - STMicroelectronics M40SZ100W Datasheet HTML 16Page - STMicroelectronics M40SZ100W Datasheet HTML 17Page - STMicroelectronics M40SZ100W Datasheet HTML 18Page - STMicroelectronics M40SZ100W Datasheet HTML 19Page - STMicroelectronics M40SZ100W Datasheet HTML 20Page - STMicroelectronics M40SZ100W Datasheet HTML 21Page - STMicroelectronics M40SZ100W Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
DC and AC parameters
M40SZ100Y, M40SZ100W
18/25
VPFD
Power-fail deselect
voltage
4.20
4.4
0
4.50
2.55
2.60
2.70
V
VPFI
PFI input threshold
VCC = 5V(Y)
VCC = 3V(V)
1.225
1.2
50
1.275
1.225
1.25
0
1.275
V
PFI hysteresis
PFI rising
20
70
20
70
mV
VSO
Battery back-up
switchover voltage
2.5
2.5
V
1.
Valid for ambient operating temperature: TA = –40 to 85°C; VCC = 2.7 to 3.6V or 4.5 to 5.5V(except where noted).
2.
Measured with VOUT and ECON open.
3.
RSTIN internally pulled-up to VCC through 100kΩ resistor.
4.
Outputs deselected.
5.
External SRAM must match SUPERVISOR chip VCC specification (3V or 5V).
6.
For rechargeable back-up, VBAT (max) may be considered VCC – 0.5V.
7.
For PFO pin (CMOS).
8.
Chip enable output (ECON) can only sustain CMOS leakage currents in the battery back-up mode. Higher leakage currents
will reduce battery life.
9.
For RST & BL pins (open drain).
Table 7.
DC characteristics (continued)
Sym
Parameter
Test condition(1)
M40SZ100Y
M40SZ100W
Unit
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com