Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M40SZ100W Datasheet(PDF) 19 Page - STMicroelectronics

Part # M40SZ100W
Description  5V or 3V NVRAM supervisor for LPSRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40SZ100W Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M40SZ100W Datasheet HTML 15Page - STMicroelectronics M40SZ100W Datasheet HTML 16Page - STMicroelectronics M40SZ100W Datasheet HTML 17Page - STMicroelectronics M40SZ100W Datasheet HTML 18Page - STMicroelectronics M40SZ100W Datasheet HTML 19Page - STMicroelectronics M40SZ100W Datasheet HTML 20Page - STMicroelectronics M40SZ100W Datasheet HTML 21Page - STMicroelectronics M40SZ100W Datasheet HTML 22Page - STMicroelectronics M40SZ100W Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
M40SZ100Y, M40SZ100W
Package mechanical data
19/25
5
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 12.
SO16 – 16-lead plastic small package outline
Note:
Drawing is not to scale.
Table 8.
SO16 – 16-lead plastic small plastic package mechanical data
SO-b
E
N
CP
B
e
A2
D
C
L
A1
α
H
A
1
Symbol
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A1.75
0.069
A1
0.10
0.25
0.004
0.010
A2
1.60
0.063
B
0.35
0.46
0.014
0.018
C
0.19
0.25
0.007
0.010
D
9.80
10.00
0.386
0.394
E
3.80
4.00
0.150
0.158
e
1.27
–
–
0.050
–
–
H
5.80
6.20
0.228
0.244
L
0.40
1.27
0.016
0.050
a
0°8°
0°8°
N16
16
CP
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com