Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M40SZ100W Datasheet(PDF) 17 Page - STMicroelectronics

Part # M40SZ100W
Description  5V or 3V NVRAM supervisor for LPSRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40SZ100W Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M40SZ100W Datasheet HTML 13Page - STMicroelectronics M40SZ100W Datasheet HTML 14Page - STMicroelectronics M40SZ100W Datasheet HTML 15Page - STMicroelectronics M40SZ100W Datasheet HTML 16Page - STMicroelectronics M40SZ100W Datasheet HTML 17Page - STMicroelectronics M40SZ100W Datasheet HTML 18Page - STMicroelectronics M40SZ100W Datasheet HTML 19Page - STMicroelectronics M40SZ100W Datasheet HTML 20Page - STMicroelectronics M40SZ100W Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
M40SZ100Y, M40SZ100W
DC and AC parameters
17/25
Figure 11.
AC testing input/output waveforms
Table 6.
Capacitance
AI02568
0.8VCC
0.2VCC
0.7VCC
0.3VCC
Symbol
Parameter(1)(2)
1.
Sampled only, not 100% tested.
2.
At 25°C, f = 1MHz.
Min
Max
Unit
CIN
Input capacitance
7
pF
COUT
(3)
3.
Outputs deselected.
Output capacitance
10
pF
Table 7.
DC characteristics
Sym
Parameter
Test condition(1)
M40SZ100Y
M40SZ100W
Unit
Min
Typ
Max
Min
Typ
Max
ICC
Supply current
Outputs open
1
0.5
mA
ICCDR
Data retention mode
current(2)
50
200
50
200
nA
ILI
(3)
Input leakage current
0V
≤ VIN ≤ VCC
±1
±1
µA
Input leakage current
(PFI)
–25
2
25
–25
2
25
nA
ILO
(4)
Output leakage current
0V
≤ VOUT ≤ VCC
±1
±1
µA
IOUT1
(5) V
OUT current (active)
VOUT > VCC – 0.3
175
100
mA
IOUT2
VOUT current (battery
back-up)
VOUT > VBAT – 0.3
100
100
µA
VBAT
Battery voltage
2.5
3.0
3.5(6)
2.5
3.0
3.5(6)
V
VIH
Input high voltage
0.7VCC
VCC + 0.3
0.7VCC
VCC + 0.3
V
VIL
Input low voltage
–0.3
0.3VCC
–0.3
0.3VCC
V
VOH
Output high voltage(7)
IOH = –1.0mA
2.4
2.4
V
VOHB
VOH battery back-up
(8)
IOUT2 = –1.0µA
2.5
2.9
3.5
2.5
2.9
3.5
V
VOL
Output low voltage
IOL = 3.0mA
0.4
0.4
V
Output low voltage
(open drain)(9)
IOL = 10mA
0.4
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com