Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M45PE80-VMP6P Datasheet(PDF) 44 Page - Numonyx B.V

Part # M45PE80-VMP6P
Description  8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE80-VMP6P Datasheet(HTML) 44 Page - Numonyx B.V

Back Button M45PE80-VMP6P Datasheet HTML 39Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 40Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 41Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 42Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 43Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 44Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 45Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 46Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 47Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
Part numbering
M45PE80
44/47
12
Part numbering
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device or when ordering parts operating at 50 MHz (0.11µm technology, process digit
“4”), please contact your nearest Numonyx Sales Office.
The category of second Level Interconnect is marked on the package and on the inner box
label, in compliance with JEDEC Standard JESD97. The maximum ratings related to
soldering conditions are also marked on the inner box label.
Table 20.
Ordering information scheme
Example:
M45PE80
–
V MP 6
T
G
Device Type
M45PE = Page-Erasable Serial Flash Memory
Device Function
80 = 8 Mbit (1 Mbit x 8)
Operating Voltage
V = VCC = 2.7 to 3.6V
Package
MW = SO8W (208 mils width)
MP = VFQFPN8 6 × 5 mm (MLP8)
MN = SO8N (150 mils width)(1)
1.
Package available only in T9HX technology.
Device Grade
6 = Industrial temperature range, –40 to 85 °C.
Device tested with standard test flow
Option
blank = Standard Packing
T = Tape & Reel Packing
Plating Technology
P or G = ECOPACK® (RoHS compliant)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com