Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M45PE80-VMP6P Datasheet(PDF) 18 Page - Numonyx B.V

Part # M45PE80-VMP6P
Description  8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE80-VMP6P Datasheet(HTML) 18 Page - Numonyx B.V

Back Button M45PE80-VMP6P Datasheet HTML 14Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 15Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 16Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 17Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 18Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 19Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 20Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 21Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 22Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
Instructions
M45PE80
18/47
6.1
Write Enable (WREN)
The Write Enable (WREN) instruction (Figure 6) sets the Write Enable Latch (WEL) bit.
The Write Enable Latch (WEL) bit must be set prior to every Page Write (PW), Page
Program (PP), Page Erase (PE), and Sector Erase (SE) instruction.
The Write Enable (WREN) instruction is entered by driving Chip Select (S) Low, sending the
instruction code, and then driving Chip Select (S) High.
Figure 6.
Write Enable (WREN) instruction sequence
6.2
Write Disable (WRDI)
The Write Disable (WRDI) instruction (Figure 7) resets the Write Enable Latch (WEL) bit.
The Write Disable (WRDI) instruction is entered by driving Chip Select (S) Low, sending the
instruction code, and then driving Chip Select (S) High.
The Write Enable Latch (WEL) bit is reset under the following conditions:
●
Power-up
●
Write Disable (WRDI) instruction completion
●
Page Write (PW) instruction completion
●
Page Program (PP) instruction completion
●
Page Erase (PE) instruction completion
●
Sector Erase (SE) instruction completion
Figure 7.
Write Disable (WRDI) instruction sequence
C
D
AI02281E
S
Q
2
1
34567
High Impedance
0
Instruction
C
D
AI03750D
S
Q
2
1
34567
High Impedance
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com