Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M45PE80-VMP6P Datasheet(PDF) 1 Page - Numonyx B.V

Part # M45PE80-VMP6P
Description  8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE80-VMP6P Datasheet(HTML) 1 Page - Numonyx B.V

  M45PE80-VMP6P Datasheet HTML 1Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 2Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 3Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 4Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 5Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 6Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 7Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 8Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
December 2007
Rev 9
1/47
1
M45PE80
8 Mbit, low voltage, Page-Erasable Serial Flash memory
with byte alterability and a 50 MHz SPI bus interface
Features
■ SPI bus compatible serial interface
■ 50 MHz clock rate (maximum)
■ 2.7 V to 3.6 V single supply voltage
■ 8 Mbit of Page-Erasable Flash memory
■ Page size: 256 bytes:
– Page Write in 11 ms (typical)
– Page Program in 0.8 ms (typical)
– Page Erase in 10 ms (typical)
■ Sector Erase (64 Kbytes)
■ Hardware Write protection of the bottom sector
(64 Kbytes)
■ Electronic signature
– JEDEC standard two-byte signature
(4014h)
■ Deep Power-down mode 1 µA (typical)
■ More than 100 000 Write cycles
■ More than 20 years’ data retention
■ Packages
– ECOPACK® (RoHS compliant)
VFQFPN8 (MP)
6 × 5 mm (MLP8)
SO8W (MW)
208 mils width
SO8N (MN)
150 mils width
www.numonyx.com


Similar Part No. - M45PE80-VMP6P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M45PE80-VMP6P STMICROELECTRONICS-M45PE80-VMP6P Datasheet
472Kb / 36P
8 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
28-May-2004
M45PE80-VMP6P STMICROELECTRONICS-M45PE80-VMP6P Datasheet
373Kb / 47P
8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
15-Dec-2006
More results

Similar Description - M45PE80-VMP6P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M45PE80 STMICROELECTRONICS-M45PE80 Datasheet
472Kb / 36P
8 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
28-May-2004
M45PE20 STMICROELECTRONICS-M45PE20 Datasheet
427Kb / 35P
2 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
08-Oct-2004
M45PE10 STMICROELECTRONICS-M45PE10 Datasheet
426Kb / 34P
1 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
04-Oct-2005
M45PE40 STMICROELECTRONICS-M45PE40 Datasheet
536Kb / 35P
4 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 33 MHz SPI Bus Interface
04-Oct-2005
M45PE16 STMICROELECTRONICS-M45PE16 Datasheet
396Kb / 45P
16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
09-Feb-2007
M45PE80 STMICROELECTRONICS-M45PE80_06 Datasheet
373Kb / 47P
8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
15-Dec-2006
M45PE10-07 STMICROELECTRONICS-M45PE10-07 Datasheet
355Kb / 45P
1 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
02-Feb-2007
logo
Numonyx B.V
M45PE10 NUMONYX-M45PE10 Datasheet
990Kb / 47P
1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
M45PE16 NUMONYX-M45PE16 Datasheet
856Kb / 45P
16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
M45PE40 NUMONYX-M45PE40 Datasheet
886Kb / 46P
4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com