Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M45PE80-VMP6P Datasheet(PDF) 16 Page - Numonyx B.V

Part # M45PE80-VMP6P
Description  8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE80-VMP6P Datasheet(HTML) 16 Page - Numonyx B.V

Back Button M45PE80-VMP6P Datasheet HTML 12Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 13Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 14Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 15Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 16Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 17Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 18Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 19Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 20Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
Memory organization
M45PE80
16/47
Figure 5.
Block diagram
AI06812
S
W
Control Logic
High Voltage
Generator
I/O Shift Register
Address Register
and Counter
256 Byte
Data Buffer
256 Bytes (Page Size)
X Decoder
C
D
Q
Status
Register
00000h
FFFFFh
000FFh
Reset
10000h
First 256 Pages can
be made read-only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com