Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E33-CTAF2 Datasheet(PDF) 9 Page - Elma Electronic Ltd

Part # E33-CTAF2
Description  ENCODER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

E33-CTAF2 Datasheet(HTML) 9 Page - Elma Electronic Ltd

  E33-CTAF2 Datasheet HTML 1Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 2Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 3Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 4Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 5Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 6Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 7Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 8Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 9Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
www.elma.com
9|9
05|21
235 +/-10
217
200 max.
150 min.
25
200 s max.
120 s max.
60 s max.
20 s max.
t
T [°C]
©
Copyright 2018 by Elma Electronic AG, CH-8620 Wetzikon. Subject to technical modifications, all data supplied without liability.
ENCODER
E33
DATASHEET
Please contact our sales team for more details.
China: +86 21 5866 5908
France: +33 388 56 72 50
Germany: +49 7231 97 34 0
Israel: +972 3 930 50 25
Singapore: +65 6479 8552
Switzerland: +41 44 933 41 11
United Kingdom: +44 1234 838 822
United States: +1 510 656 3400
Specifications
MATERIALS
Shaft:
Brass CuZn38Pb2 or stainless steel 1.4305
Bushing | housing:
Zinc die casting (nickel plated), fiberglass reinforced high performance plastic
Contact surface:
Cu alloy (Au plated)
Soldering leads:
Cu alloy (tin plated)
Hex nut:
Brass (nickel plated)
Housing clamp:
Tinplate
O-rings:
NBR (nitrile rubber), 70 shore A
Front panel sealing:
Threaded bushing: O-ring
Non-threaded bushing: EPDM-rubber, 45 shore A, complies with SAE J 18-79
ENVIRONMENTAL DATA
Operating temperature:
-40 to +85 °C (IEC 60068-2-14)
Storage temperature:
-65 to +125 °C (IEC 60068-2-14, MIL-STD202G, method 107G, condition B-3)
Humidity:
< 93 % relative humidity (MIL-STD-202G, method 103B, condition B)
IP sealing against front panel:
IP60 without sealing
IP65 with non-threaded bushing, shaft and front panel sealing
IP68 with threaded bushing, shaft and front panel sealing (2 bar, 1h)
Vibration:
29 GRMS at 100 to 1'000 Hz (MIL-STD-202G, method 214A, condition 1 h / 15 min)
Shock:
100 G (MIL-STD-202G, method 213B, condition C)
Flammability:
UL94-V0
Gasket UL94-HB
SOLDERING CONDITIONS
Hand soldering:
< 300 °C during 3 s
Wave soldering:
< 280 °C during 5 s
Reflow soldering:
according to IPC/JEDEC J-STD-020C*
MECHANICAL DATA FOR PUSH BUTTON
Actuation force:
3, 6, 10 or 14 N (±30 % in new condition)
Travel:
0.5 (±0.2) mm
Lifecycles:
> 200'000 cycles (tested at room temperature)
ELECTRICAL DATA FOR PUSH BUTTON
Switching voltage:
< 15 VDC (resistive load)
Switching current:
< 10 mA (resistive load)
Contact bouncing:
< 2 ms (at 2 Hz)
MATERIALS FOR PUSH BUTTON
Contact surface:
Cu alloy (Au plated)
Snap dome:
Stainless steel (Au plated)
*REFLOW SOLDERING
Temperatures or process durations exceeding rated maximum
conditions may harm switch function.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com