Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E33-CTAF2 Datasheet(PDF) 8 Page - Elma Electronic Ltd

Part # E33-CTAF2
Description  ENCODER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

E33-CTAF2 Datasheet(HTML) 8 Page - Elma Electronic Ltd

  E33-CTAF2 Datasheet HTML 1Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 2Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 3Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 4Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 5Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 6Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 7Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 8Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 9Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.elma.com
05|21
8|9
1
2
3
ENCODER
E33
DATASHEET
Ordering information
ACCESSORIES AND SPARE PARTS
HEX NUT
Part number: E33-ORING-TOOL
Specifications
MECHANICAL DATA
Positions:
12 positions
32 positions
No detent
Switching torque:
16 positions: 0.5, 1.5, 2.5, 3.5 or 4.5 Ncm (±30 % in new condition)
32 positions: 0.5, 1, 1.5, 2 or 3 Ncm (±30 % in new condition)
No detent
Rotational life:
> 1'000'000 revolutions with 0.5, 1 or 1.5 Ncm switching torque or no detent
> 500'000 revolutions with 2 Ncm switching torque
> 300'000 revolutions with 2.5 Ncm switching torque
> 100'000 revolutions with 3, 3.5 or 4.5 Ncm switching torque
(tested at room temperature)
Allowed shaft load:
50 N push, 50 N pull and 50 N side load (static at 20 mm from the support surface)
Fastening torque of nut (front panel mounting):
M7 x 0.75: < 100 Ncm
ELECTRICAL DATA
Electrical connection:
Pins 0.23 x 0.8 mm
Switching voltage:
< 15 VDC (resistive load)
Switching current:
< 10 mA (resistive load)
Contact resistance:
< 10 Ω (over the entire rotational life)
Signal | coding:
2-Bit-quadrature
Resolution (pulses per revolution):
16 or 8 PPR per channel (A leads B clockwise)
Rotational speed:
< 60 rpm
Phase shift:
90° (±70°)
Contact bouncing:
< 2 ms (at 60 rpm)
Dielectric strength:
500 VDC during 60 s (MIL-STD-202G, method 301)
Insulation resistance:
> 1 GΩ at 500 VDC (in new condition)
Hex nut M7 x 0.75:
Part number 4516-40 (50 pieces / bag), brass nickel plated
O-RING MOUNTING TOOL
1 Slip the lubricated O-ring over the bushing.
2 Slide the mounting tool over the bushing.
3 While pushing down the O-ring simultaneously rotate the mounting tool.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com