Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E33-CTAF2 Datasheet(PDF) 7 Page - Elma Electronic Ltd

Part # E33-CTAF2
Description  ENCODER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

E33-CTAF2 Datasheet(HTML) 7 Page - Elma Electronic Ltd

  E33-CTAF2 Datasheet HTML 1Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 2Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 3Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 4Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 5Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 6Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 7Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 8Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 9Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.elma.com
05|21
7|9
ENCODER
E33
DATASHEET
PACKAGING
Direction of unreeling
Reel size: 13"
200 pieces / reel
Tape width: 56 mm
Tape pitch: 24 mm
Reel size: 13"
200 pieces / reel
Tape width: 32 mm
Tape pitch: 24 mm
Tray:
10 or 50 pieces (depending on shipment quantity, nuts are supplied
and packed separately)
Tape & reel:
200 pieces (SMT only, shaft and nuts are packed separately)
TAPE & REEL PACKAGING
THT VERTICAL
SMT VERTICAL
PUSH BUTTON
IP SEALING
RESOLUTION
SWITCHING TORQUE
THT VERTICAL
(THREADED BUSHING3)
SMT VERTICAL
(NON THREADED BUSHING)
Yes, 6 N
IP60
32 detent (16 PPR)
2 Ncm
E33-VT610-M01T
E33-SN610-M01T
16 detent (8 PPR)
2.5 Ncm
E33-VT630-M01T
E33-SN630-M01T
IP682
(Shaft & front panel)
32 detent (16 PPR)
2 Ncm
E33-VT612-M01T
E33-SN612-M01T
16 detent (8 PPR)
2.5 Ncm
E33-VT632-M01T
E33-SN632-M01T
No
IP60
32 detent (16 PPR)
2 Ncm
E33-VT010-M01T
E33-SN010-M01T
16 detent (8 PPR)
2.5 Ncm
E33-VT030-M01T
E33-SN030-M01T
IP682
(Shaft & front panel)
32 detent (16 PPR)
2 Ncm
E33-VT012-M01T
E33-SN012-M01T
16 detent (8 PPR)
2.5 Ncm
E33-VT032-M01T
E33-SN032-M01T
Ordering information
PREFERENCE TYPES SELECTION CHART1
All of these types are tray packed and fitted with standard shaft type 01.
1
For other types | options see ordering code.
2
Non-threaded bushing: Gasket provides IP65.
3
Nut supplied.
2
4
24
2
1. 50
+ 0.1
- 0
4
2
24
Ø2
+0.1
- 0
Ø1.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com