Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E33-CTAF2 Datasheet(PDF) 3 Page - Elma Electronic Ltd

Part # E33-CTAF2
Description  ENCODER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

E33-CTAF2 Datasheet(HTML) 3 Page - Elma Electronic Ltd

  E33-CTAF2 Datasheet HTML 1Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 2Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 3Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 4Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 5Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 6Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 7Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 8Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 9Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.elma.com
05|21
3|9
B
S S
CA
6.2+0.13
+0.04
ENCODER
E33
DATASHEET
Dimensions in mm
Tolerances according to DIN ISO 2768-1 (m), unless otherwise specified
PCB thickness:
1 to 1.5 mm
PCB thickness:
1 to 1.5 mm
NUT
HEX NUT (SUPPLIED)
DRILLING DIAGRAM AND FOOTPRINT
THT VERTICAL
THT HORIZONTAL
SMT VERTICAL
View from component side of the PCB
View from component side of the PCB
View from component side of the PCB
B S S C A
print through hole
18.4
11.9
11.5
4 x 2.54
1.2
Ø 1
Dimensions and pin assignment
PIN ASSIGNMENT
FRONT PANEL CUT OUT
THREADED
NON-THREADED
All shaft and bushing types are available for all versions, THT vertical,
THT horizontal or SMT vertical (see type key).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com