Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBT3906M-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # MMBT3906M-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBT3906M-HF Datasheet(HTML) 3 Page - Comchip Technology

  MMBT3906M-HF Datasheet HTML 1Page - Comchip Technology MMBT3906M-HF Datasheet HTML 2Page - Comchip Technology MMBT3906M-HF Datasheet HTML 3Page - Comchip Technology MMBT3906M-HF Datasheet HTML 4Page - Comchip Technology MMBT3906M-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
General Purpose Transistor
Fig.8 - PC —Ta
100
0
0
25
50
75
100
125
150
Ambient Temperature, Ta (°C)
150
50
Fig.7 - FT — IC
Collector Current, IC (mA)
-10
-50
600
400
200
-1
COMMON EMITTER
Ta=25°C
VCE=-20V
Page 3
REV:B
QW-JTR18
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
Rating and Characteristic Curves (MMBT3906M-HF)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com