Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBT3906M-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # MMBT3906M-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBT3906M-HF Datasheet(HTML) 1 Page - Comchip Technology

  MMBT3906M-HF Datasheet HTML 1Page - Comchip Technology MMBT3906M-HF Datasheet HTML 2Page - Comchip Technology MMBT3906M-HF Datasheet HTML 3Page - Comchip Technology MMBT3906M-HF Datasheet HTML 4Page - Comchip Technology MMBT3906M-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MMBT3906M-HF (PNP)
RoHS Device
General Purpose Transistor
Page 1
REV:B
Symbol
Parameter
Conditions
Min
Max
Unit
Electrical Characteristics (at TA=25°C unless otherwise noted)
Features
- Small package.
QW-JTR18
Company reserves the right to improve product design , functions and reliability without notice.
1
Base
2 Emitter
Collector
3
Collector-Base breakdown voltage
Collector-Emitter breakdown voltage
Emitter-Base breakdown voltage
Collector-Emitter saturation voltage
Base-Emitter saturation voltage
Transition frequency
Delay time
Rise time
Storage time
Fall time
IC=-10μA, IE=0
IC=-1mA, IB=0
IE=-10μA, IC=0
IC=-50mA, IB=-5mA
IC=-50mA, IB=-5mA
IC=-10mA, IB1=IB2=-1mA
VCC=-3V, VBE(off)=-0.5V
IB1=IB2=-1mA
VCC=-3V, IC=-10mA
V(BR)CBO
VCE(sat)
fT
td
tr
tS
tf
V(BR)CEO
V(BR)EBO
VBE(sat)
-40
-40
-5
300
DC current gain
VCE=-1V, IC=-50mA
VCE=-1V, IC=-10mA
VCE=-1V, IC=-100mA
hFE(1)
30
100
60
300
-0.3
-0.95
35
35
225
75
V
V
V
V
V
Collector cut-off current
Emitter cut-off current
Collector cut-off current
VCB=-40V, IE=0
VEB=-5V, IC=0
VCE=-30V, VEB(off)=-3V
ICBO
IEBO
ICEX
-100
-100
-50
nA
nA
nA
MHz
nS
nS
nS
nS
hFE(2)
hFE(3)
VCE=-20V, IC=-10mA
f=100MHz
Circuit Diagram
Maximum Ratings (at TA=25°C unless otherwise noted)
VCEO
Emitter-Base voltage
Collector-Emitter voltage
Collector-Base voltage
Collector current-continuous
Symbol
Parameter
Value
Unit
V
V
V
-5
-40
-40
IC
-0.2
A
100
mW
PC
Power dissipation
°C
TJ
Junction temperature
150
VCBO
VEBO
°C
Tstg
Storage temperature
-55~+150
RθJA
1250
°C/W
Thermal resistance from
junction to ambient
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Comchip Technology CO., LTD.
0.049(1.25)
0.045(1.15)
0.011(0.27)
0.007(0.17)
0.015(0.37)
0.011(0.27)
0.033(0.85)
0.030(0.75)
0.006(0.15)
0.002(0.05)
0.020(0.50)
1
2
3
0.049(1.25)
0.045(1.15)
0.000(0.00)
0.031(0.8)
Typ.
SOT-723
Dimensions in inches and (millimeter)
0.017(0.43)
0.003(0.08)
Halogen Free
Mechanical data
- Case: SOT-723, molded plastic.


Similar Part No. - MMBT3906M-HF

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
MMBT3906M JIANGSU-MMBT3906M Datasheet
207Kb / 3P
TRANSISTOR
logo
Micro Commercial Compon...
MMBT3906M MCC-MMBT3906M Datasheet
668Kb / 4P
PNP Plastic-Encapsulate Transistors
More results

Similar Description - MMBT3906M-HF

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com