Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBT3906M-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # MMBT3906M-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBT3906M-HF Datasheet(HTML) 2 Page - Comchip Technology

  MMBT3906M-HF Datasheet HTML 1Page - Comchip Technology MMBT3906M-HF Datasheet HTML 2Page - Comchip Technology MMBT3906M-HF Datasheet HTML 3Page - Comchip Technology MMBT3906M-HF Datasheet HTML 4Page - Comchip Technology MMBT3906M-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rating and Characteristic Curves (MMBT3906M-HF)
Collector-Emitter Voltage, VCE (V)
IB=-50 A
μ
-500μA
-450μA
-400μA
-350μA
-300μA
-250μA
-200μA
-150μA
-100μA
COMMON
EMITTER
Ta=25°C
0
-100
-20
0
-500
-10
-1
-200
9
1
-20
-0.1
-100
-1
-1.2
-1.2
-1
-200
Fig.1 - Static Characteristic
Collector Current, Ic (mA)
Fig.3 - VCEsat — IC
Collector Current, Ic (mA)
Fig.4 - VBEsat — IC
Reverse Voltage, V (V)
Fig.6 - Cob/Cib — VCB/VEB
Fig.5 - VBE — IC
Base - Emitter Voltage, VBE (V)
-16
-12
-8
-4
-80
-60
-40
-20
-0.1
0
300
-200
Collector Current, Ic (mA)
Fig.2 - hFE — IC
-100
-10
-1
200
100
Ta=25°C
Ta=100°C
COMMON EMITTER
VCE=-1V
-100
-10
-100
β=10
Ta=25°C
Ta=100°C
-0.8
-0.4
-0.0
-100
-10
Ta=25°C
Ta=100°C
β=10
Ta=100°C
Ta=25°C
-1.0
-0.6
-0.4
-0.2
-0.8
-10
-0.1
COMMON EMITTER
VCE=-1V
3
-10
-1
f=1MHz
IE=0/IC=0
Ta=25°C
General Purpose Transistor
Page 2
REV:B
QW-JTR18
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com