Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBT3906M-HF Datasheet(PDF) 5 Page - Comchip Technology

Part # MMBT3906M-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBT3906M-HF Datasheet(HTML) 5 Page - Comchip Technology

  MMBT3906M-HF Datasheet HTML 1Page - Comchip Technology MMBT3906M-HF Datasheet HTML 2Page - Comchip Technology MMBT3906M-HF Datasheet HTML 3Page - Comchip Technology MMBT3906M-HF Datasheet HTML 4Page - Comchip Technology MMBT3906M-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
1
2
3
3N
1
2
3
3N
Solid dot = Control code
General Purpose Transistor
Part Number
Marking Code
Suggested P.C.B. PAD Layout
SIZE
(inch)
0.017
(mm)
0.42
0.30
0.30
0.012
0.012
SOT-723
0.32
0.013
E
0.80
0.031
A
B
C
D
1.00
0.039
F
Marking Code
3N
Standard Packaging
Case Type
SOT-723
8,000
REEL
( pcs )
Reel Size
(inch)
7
REEL PACK
Note: 1.The pad layout is for reference purposes only.
MMBT3906M-HF
Page 5
REV:B
QW-JTR18
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
B
F
C
D
A
E



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com