Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC0801ARN-F Datasheet(PDF) 43 Page - Powertip Technology

Part # PC0801ARN-F
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC0801ARN-F Datasheet(HTML) 43 Page - Powertip Technology

Back Button PC0801ARN-F Datasheet HTML 39Page - Powertip Technology PC0801ARN-F Datasheet HTML 40Page - Powertip Technology PC0801ARN-F Datasheet HTML 41Page - Powertip Technology PC0801ARN-F Datasheet HTML 42Page - Powertip Technology PC0801ARN-F Datasheet HTML 43Page - Powertip Technology PC0801ARN-F Datasheet HTML 44Page - Powertip Technology PC0801ARN-F Datasheet HTML 45Page - Powertip Technology PC0801ARN-F Datasheet HTML 46Page - Powertip Technology PC0801ARN-F Datasheet HTML 47Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 65 page
background image
ST7066U
V2.0
2001/03/01
20/42
$" DL : Interface data length control bit
When DL = "High", it means 8-bit bus mode with MPU.
When DL = "Low", it means 4-bit bus mode with MPU. So to speak, DL is a signal to select
8-bit or 4-bit bus mode.
When 4-bit bus mode, it needs to transfer 4-bit data by two times.
$" N : Display line number control bit
When N = "Low", it means 1-line display mode.
When N = "High", 2-line display mode is set.
$" F : Display font type control bit
When F = "Low", it means 5 x 8 dots format display mode
When F = "High", 5 x11 dots format display mode.
N
F
No. of Display Lines Character Font
Duty Factor
L
L
1
5x8
1/8
L
H
1
5x11
1/11
H
x
2
5x8
1/16
#
#
#
#"
"
"
" Set CGRAM Address
Set CGRAM address to AC.
This instruction makes CGRAM data available from MPU.
#
#
#
#"
"
"
" Set DDRAM Address
Set DDRAM address to AC.
This instruction makes DDRAM data available from MPU.
When 1-line display mode (N = 0), DDRAM address is from "00H" to "4FH".
In 2-line display mode (N = 1), DDRAM address in the 1st line is from "00H" to "27H", and
DDRAM address in the 2nd line is from "40H" to "67H".
0
0
1
AC6 AC5 AC4 AC3 AC2
Code
RS
RW
DB7
DB6
DB5
DB4
DB1
DB2
DB3
AC1 AC0
DB0
0
0
0
1
AC5 AC4 AC3 AC2
Code
RS
RW
DB7
DB6
DB5
DB4
DB1
DB2
DB3
AC1 AC0
DB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com