Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC0801ARN-F Datasheet(PDF) 19 Page - Powertip Technology

Part # PC0801ARN-F
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC0801ARN-F Datasheet(HTML) 19 Page - Powertip Technology

Back Button PC0801ARN-F Datasheet HTML 15Page - Powertip Technology PC0801ARN-F Datasheet HTML 16Page - Powertip Technology PC0801ARN-F Datasheet HTML 17Page - Powertip Technology PC0801ARN-F Datasheet HTML 18Page - Powertip Technology PC0801ARN-F Datasheet HTML 19Page - Powertip Technology PC0801ARN-F Datasheet HTML 20Page - Powertip Technology PC0801ARN-F Datasheet HTML 21Page - Powertip Technology PC0801ARN-F Datasheet HTML 22Page - Powertip Technology PC0801ARN-F Datasheet HTML 23Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 65 page
background image
1.
PINS 1 & 2 (Vdd & Vss): J3 short, by adding a resistor on R9.
2.
PINS 15 & 16: J4 short, by adding a resistor on R8.
NOTE: The brightness can be controlled by the value of R8 or R9.
3. Reference table for establishing the relationship between the temperature
range, viewing direction and type of polarizer:
4. Differences between a driver IC, a controller IC and a controller/driver IC:
Driver IC: There are two types of driver IC's. One is a "common" driver and the other
a "segment" driver. Common drivers output signals to create the rows or number of
lines while the segment drivers output the necessary signals to create the characters
or columns.
Controller IC: This IC receives data written in ASCII or JIS code from the MPU and
stores this data in RAM. This data is then converted into a serial character pattern and
transferred to the LCD driver IC.
Driver/Controller IC: It is most commonly found in a graphics module. It receives
data from the MPU and stores it in RAM. It accepts commands directly from the MPU
for both the common and segment drivers.
5. Following is the minimum dot size and pitch on the LCD, the ITO line on
the LCD and the elastomer (zebra) connector:
6. Advantages and disadvantages of backlight versions:
ITEM
Dots or Lines
Gaps
LCD Dots
0.22mm
0.02mm
LCD ITO lines
S=0.075, C=0.08mm
0.03mm
Rubber Connectors
0.025mm
0.025mm
Heat Seal
0.09mm
0.09mm
Page 2 of 6
Powertip USA
11/10/2004
http://www.powertipusa.com/qa.htm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com