Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC0801ARN-F Datasheet(PDF) 24 Page - Powertip Technology

Part # PC0801ARN-F
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC0801ARN-F Datasheet(HTML) 24 Page - Powertip Technology

Back Button PC0801ARN-F Datasheet HTML 20Page - Powertip Technology PC0801ARN-F Datasheet HTML 21Page - Powertip Technology PC0801ARN-F Datasheet HTML 22Page - Powertip Technology PC0801ARN-F Datasheet HTML 23Page - Powertip Technology PC0801ARN-F Datasheet HTML 24Page - Powertip Technology PC0801ARN-F Datasheet HTML 25Page - Powertip Technology PC0801ARN-F Datasheet HTML 26Page - Powertip Technology PC0801ARN-F Datasheet HTML 27Page - Powertip Technology PC0801ARN-F Datasheet HTML 28Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 65 page
background image
ST
Sitronix
ST7066U
Dot Matrix LCD Controller/Driver
V2.0
2001/03/01
1/42
!"
Features
#" 5 x 8 and 5 x 11 dot matrix possible
#" Low power operation support:
#" -- 2.7 to 5.5V
#" Wide range of LCD driver power
-- 3.0 to 10V
#" Correspond to high speed MPU bus
interface
-- 2 MHz (when VCC = 5V)
#" 4-bit or 8-bit MPU interface enabled
#" 80 x 8-bit display RAM (80 characters max.)
#" 13,200-bit character generator ROM for a
total of 240 character fonts(5 x 8 dot or 5 x 11
dot)
#" 64 x 8-bit character generator RAM
-- 8 character fonts (5 x 8 dot)
-- 4 character fonts (5 x 11 dot)
#" 16-common x 40-segment liquid crystal
display driver
#" Programmable duty cycles
-- 1/8 for one line of 5 x 8 dots with cursor
-- 1/11 for one line of 5 x 11 dots & cursor
-- 1/16 for two lines of 5 x 8 dots & cursor
#" Wide range of instruction functions:
Display clear, cursor home, display on/off,
cursor on/off, display character blink, cursor
shift, display shift
#" Pin function compatibility with HD44780,
KS0066 and SED1278
#" Automatic reset circuit that initializes the
controller/driver after power on
#" Internal oscillator with external resistors
#" Low power consumption
#" QFP80 and Bare Chip available
!"
Description
The ST7066U dot-matrix liquid crystal display
controller and driver LSI displays alphanumeric,
Japanese kana characters, and symbols. It can be
configured to drive a dot-matrix liquid crystal display
under the control of a 4- or 8-bit microprocessor.
Since all the functions such as display RAM,
character generator, and liquid crystal driver, required
for driving a dot-matrix liquid crystal display are
internally provided on one chip, a minimal system can
be interfaced with this controller/driver.
The ST7066U has pin function compatibility with the
HD44780, KS0066 and SED1278 that allows the user
to easily replace it with an ST7066U. The ST7066U
character generator ROM is extended to generate
240 5x8(5x11) dot character fonts for a total of 240
different character fonts. The low power supply (2.7V
to 5.5V) of the ST7066U is suitable for any portable
battery-driven product requiring low power
dissipation.
The ST7066U LCD driver consists of 16 common
signal drivers and 40 segment signal drivers which
can extend display size by cascading segment driver
ST7065 or ST7063. The maximum display size can
be either 80 characters in 1-line display or 40
characters in 2-line display. A single ST7066U can
display up to one 8-character line or two 8-character
lines.
Product Name
Support Character
ST7066U-0A
English / Japan
ST7066U-0B
English / European
ST7066U-0E
English / European



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com