Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC0801ARN-F Datasheet(PDF) 23 Page - Powertip Technology

Part # PC0801ARN-F
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC0801ARN-F Datasheet(HTML) 23 Page - Powertip Technology

Back Button PC0801ARN-F Datasheet HTML 19Page - Powertip Technology PC0801ARN-F Datasheet HTML 20Page - Powertip Technology PC0801ARN-F Datasheet HTML 21Page - Powertip Technology PC0801ARN-F Datasheet HTML 22Page - Powertip Technology PC0801ARN-F Datasheet HTML 23Page - Powertip Technology PC0801ARN-F Datasheet HTML 24Page - Powertip Technology PC0801ARN-F Datasheet HTML 25Page - Powertip Technology PC0801ARN-F Datasheet HTML 26Page - Powertip Technology PC0801ARN-F Datasheet HTML 27Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
© 2001, All rights reserved.
Powertip Technology, Inc.
18 Technology Drive, STE 161, Irvine, CA 92618
Phone: (949) 585-9888, Fax: (949) 585-9889
sales@powertipusa.com
17. Following is the Vop range for a Character and Graphics LCD module:
Note: N.T. = normal temperature
W.T.= wide temperature
Products
LCM
LED
EL
PC1602-F
1.3mA
120mA
3.26mA
PC2002-B
1.8mA
200mA
5.3mA
PC2004-A
1.8mA
260mA
7.2mA
PC4004-A
2.2mA
440mA
7.5mA
LCD Type
Vop for N.T.
Vop for W.T.
Character
4.2 ~ 4.8V
5 ~ 9V
Graphic
5.5 ~ 26V
6 ~ 28V
Page 6 of 6
Powertip USA
11/10/2004
http://www.powertipusa.com/qa.htm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com