Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  Digital Signal Processors
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 33Page - Texas Instruments TMS320F2811 Datasheet HTML 34Page - Texas Instruments TMS320F2811 Datasheet HTML 35Page - Texas Instruments TMS320F2811 Datasheet HTML 36Page - Texas Instruments TMS320F2811 Datasheet HTML 37Page - Texas Instruments TMS320F2811 Datasheet HTML 38Page - Texas Instruments TMS320F2811 Datasheet HTML 39Page - Texas Instruments TMS320F2811 Datasheet HTML 40Page - Texas Instruments TMS320F2811 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 173 page
background image
Functional Overview
37
April 2001 − Revised July 2007
SPRS174O
Table 3−4. Boot Mode Selection
BOOT MODE SELECTED
GPIOF4
(SCITXDA)
GPIOF12
(MDXA)
GPIOF3
(SPISTEA)
GPIOF2
(SPICLK)
GPIO PU status†
PU
No PU
No PU
No PU
Jump to Flash/ROM address 0x3F 7FF6
A branch instruction must have been programmed here prior to
reset to re−direct code execution as desired.
1
x
x
x
Call SPI_Boot to load from an external serial SPI EEPROM
0
1
x
x
Call SCI_Boot to load from SCI-A
0
0
1
1
Jump to H0 SARAM address 0x3F 8000
0
0
1
0
Jump to OTP address 0x3D 7800
0
0
0
1
Call Parallel_Boot to load from GPIO Port B
0
0
0
0
† PU = pin has an internal pullup No PU = pin does not have an internal pullup
‡ Extra care must be taken due to any effect toggling SPICLK to select a boot mode may have on external logic.
§ If the boot mode selected is Flash, H0, or OTP, then no external code is loaded by the bootloader.
3.2.11
Security
The F281x and C281x support high levels of security to protect the user firmware from being
reverse-engineered. The security features a 128-bit password (hardcoded for 16 wait states), which the user
programs into the flash. One code security module (CSM) is used to protect the flash/ROM/OTP and the L0/L1
SARAM blocks. The security feature prevents unauthorized users from examining the memory contents via
the JTAG port, executing code from external memory or trying to boot-load some undesirable software that
would export the secure memory contents. To enable access to the secure blocks, the user must write the
correct 128-bit ”KEY” value, which matches the value stored in the password locations within the Flash/ROM.
NOTE:
•
When the code-security passwords are programmed, all addresses between 0x3F7F80 and 0x3F7FF5
cannot be used as program code or data. These locations must be programmed to 0x0000.
•
If the code security feature is not used, addresses 0x3F7F80 through 0x3F7FEF may be used for code
or data.
•
On ROM devices, addresses 0x3F7FF2 − 0x3F7FF5 and 0x3D7BFC − 0x3D7BFF are reserved for TI,
irrespective of whether code security has been used or not. User application should not use these
locations in any way.
•
The 128−bit password (at 0x3F 7FF8 − 0x3F 7FFF) must not be programmed to zeros. Doing so would
permanently lock the device.
Table 3−5. Impact of Using the Code Security Module
ADDRESS
CODE SECURITY STATUS
Code security enabled
Code security disabled
0x3F7F80 − 0x3F7FEF
Fill with 0x0000
Application code and data†
0x3F7FF0 − 0x3F7FF5
Fill with 0x0000
Application code and data†
0x3D7BFC − 0x3D7BFF
Application code and data
† See the TMS320F2810, TMS320F2811, TMS320F2812, TMS320C2810, TMS320C2811, TMS320C2812 DSP Silicon Errata (literature number
SPRZ193) for some restrictions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com