| Electronic Components Datasheet Search |
|
TMS320F2811 Datasheet(PDF) 44 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320F2811 Datasheet(HTML) 44 Page - Texas Instruments |
|
44 / 173 page ![]() Functional Overview 44 April 2001 − Revised July 2007 SPRS174O XD(15:0) XA(18:0) XZCS6 XZCS7 XZCS6AND7 XZCS2 XWE XR/W XREADY XMP/MC XHOLD XHOLDA XCLKOUT (see Note E) XRD XINTF Zone 0 (8K × 16) XINTF Zone 1 (8K × 16) XINTF Zone 6 (512K × 16) XINTF Zone 7 (16K × 16) (mapped here if MP/MC = 1) 0x40 0000 0x3F C000 0x18 0000 0x10 0000 0x00 6000 0x00 4000 0x00 2000 0x00 0000 Data Space Prog Space XINTF Zone 2 (512K × 16) 0x08 0000 NOTES: A. The mapping of XINTF Zone 7 is dependent on the XMP/MC device input signal and the MP/MC mode bit (bit 8 of XINTCNF2 register). Zones 0, 1, 2, and 6 are always enabled. B. Each zone can be programmed with different wait states, setup and hold timing, and is supported by zone chip selects (XZCS0AND1, XZCS2, XZCS6AND7), which toggle when an access to a particular zone is performed. These features enable glueless connection to many external memories and peripherals. C. The chip selects for Zone 0 and 1 are ANDed internally together to form one chip select (XZCS0AND1). Any external memory that is connected to XZCS0AND1 is dually mapped to both Zones 0 and Zone 1. D. The chip selects for Zone 6 and 7 are ANDed internally together to form one chip select (XZCS6AND7). Any external memory that is connected to XZCS6AND7 is dually mapped to both Zones 6 and Zone 7. This means that if Zone 7 is disabled (via the MP/MC mode) then any external memory is still accessible via Zone 6 address space. E. XCLKOUT is also pinned out on the 2810 and 2811. XZCS0AND1 XZCS0 XZCS1 Figure 3−5. External Interface Block Diagram |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |