| Electronic Components Datasheet Search |
|
TMS320F2811 Datasheet(PDF) 99 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320F2811 Datasheet(HTML) 99 Page - Texas Instruments |
|
99 / 173 page ![]() Electrical Specifications 99 April 2001 − Revised July 2007 SPRS174O the aid of additional external components) may be used to meet the power sequencing requirement. See www.spectrumdigital.com for F2812 eZdsp schematics and updates. Table 6−2. Recommended “Low-Dropout Regulators” SUPPLIER PART NUMBER Texas Instruments TPS767D301 NOTE: The GPIO pins are undefined until VDD = 1 V and VDDIO = 2.5 V. VDD_3.3V† 2.5 V (see Note A) 3.3 V VDD_1.8V‡ XRS 1.8 V (or 1.9 V) XRS > 8 µs 1.5 V 3.3 V <10 ms >1 ms Power-Up Sequence Power-Down Sequence 1.8 V (or 1.9 V) † VDD_3.3V −VDDIO, VDD3VFL, VDDAIO, VDDA1, VDDA2, AVDDREFBG ‡ VDD_1.8V −VDD, VDD1 NOTES: A. 1.8-V (or 1.9 V) supply should ramp after the 3.3-V supply reaches at least 2.5 V. B. Reset (XRS) should remain low until supplies and clocks are stable. See Figure 6−11, Power-on Reset in Microcomputer Mode (XMP/MC = 0), for minimum requirements. C. Voltage supervisor or LDO reset control will trip reset (XRS) first when the 3.3-V supply is off regulation. Typically, this occurs a few milliseconds before the 1.8-V (or 1.9 V) supply reaches 1.5 V. D. Keeping reset low (XRS) at least 8 µs prior to the 1.8-V (or 1.9 V) supply reaching 1.5 V will keep the flash module in complete reset before the supplies ramp down. E. Since the state of GPIO pins is undefined until the 1.8-V (or 1.9 V) supply reaches at least 1 V, this supply should be ramped as quickly as possible (after the 3.3-V supply reaches at least 2.5 V). F. Other than the power supply pins, no pin should be driven before the 3.3-V rail has been fully powered up. See Note B See Note D See Note C Figure 6−6. F2812/F2811/F2810 Typical Power-Up and Power-Down Sequence − Option 2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |