| Electronic Components Datasheet Search |
|
TMS320F2811 Datasheet(PDF) 70 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320F2811 Datasheet(HTML) 70 Page - Texas Instruments |
|
70 / 173 page ![]() Peripherals 70 April 2001 − Revised July 2007 SPRS174O 4.4 Enhanced Controller Area Network (eCAN) Module The CAN module has the following features: • Fully compliant with CAN protocol, version 2.0B • Supports data rates up to 1 Mbps • Thirty-two mailboxes, each with the following properties: − Configurable as receive or transmit − Configurable with standard or extended identifier − Has a programmable receive mask − Supports data and remote frame − Composed of 0 to 8 bytes of data − Uses a 32-bit time stamp on receive and transmit message − Protects against reception of new message − Holds the dynamically programmable priority of transmit message − Employs a programmable interrupt scheme with two interrupt levels − Employs a programmable alarm on transmission or reception time-out • Low-power mode • Programmable wake-up on bus activity • Automatic reply to a remote request message • Automatic retransmission of a frame in case of loss of arbitration or error • 32-bit local network time counter synchronized by a specific message (communication in conjunction with mailbox 16) • Self-test mode − Operates in a loopback mode receiving its own message. A “dummy” acknowledge is provided, thereby eliminating the need for another node to provide the acknowledge bit. NOTE: For a SYSCLKOUT of 150 MHz, the smallest bit rate possible is 23.4 kbps. The 28x CAN has passed the conformance test per ISO/DIS 16845. Contact TI for details. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |