| Electronic Components Datasheet Search |
|
TMS320F2811 Datasheet(PDF) 110 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320F2811 Datasheet(HTML) 110 Page - Texas Instruments |
|
110 / 173 page ![]() Electrical Specifications 110 April 2001 − Revised July 2007 SPRS174O Table 6−13. STANDBY Mode Switching Characteristics PARAMETER TEST CONDITIONS MIN TYP MAX UNIT td(IDLE-XCOH) Delay time, IDLE instruction executed to XCLKOUT high 32tc(SCO) 45tc(SCO) Cycles Delay time, external wake signal to program execution resume† − Wake-up from Flash − Flash module in active state Without input qualifier 12tc(CI) Cycles td(WAKE-STBY) − Wake-up from Flash − Flash module in active state With input qualifier 12tc(CI) + tw(WAKE-INT) Cycles td(WAKE-STBY) − Wake-up from Flash − Flash module in sleep state Without input qualifier 1125tc(SCO) Cycles − Wake-up from Flash − Flash module in sleep state With input qualifier 1125tc(SCO) + tw(WAKE-INT) Cycles − Wake-up from SARAM Without input qualifier 12tc(CI) Cycles − Wake-up from SARAM With input qualifier 12 tc(CI) + tw(WAKE-INT) Cycles † This is the time taken to begin execution of the instruction that immediately follows the IDLE instruction. Execution of an ISR (triggered by the wake-up) signal involves additional latency. tw(WAKE-INT) td(WAKE-STBY) td(IDLE−XCOH) 32 SYSCLKOUT Cycles Wake-up Signal X1/XCLKIN XCLKOUT† STANDBY Normal Execution STANDBY Flushing Pipeline A B C D E F Device Status NOTES: A. IDLE instruction is executed to put the device into STANDBY mode. B. The PLL block responds to the STANDBY signal. SYSCLKOUT is held for approximately 32 cycles before being turned off. This 32-cycle delay enables the CPU pipe and any other pending operations to flush properly. C. Clocks to the peripherals are turned off. However, the PLL and watchdog are not shut down. The device is now in STANDBY mode. D. The external wake-up signal is driven active (negative edge triggered shown as an example). E. After a latency period, the STANDBY mode is exited. F. Normal operation resumes. The device will respond to the interrupt (if enabled). Figure 6−16. STANDBY Entry and Exit Timing |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |