| Electronic Components Datasheet Search |
|
TMS320F2811 Datasheet(PDF) 128 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320F2811 Datasheet(HTML) 128 Page - Texas Instruments |
|
128 / 173 page ![]() Electrical Specifications 127 April 2001 − Revised July 2007 SPRS174O Unless otherwise specified, all XINTF timing is applicable for the clock configurations shown in Table 6−29. Table 6−29. XINTF Clock Configurations MODE SYSCLKOUT XTIMCLK XCLKOUT 1 Example: 150 MHz SYSCLKOUT 150 MHz SYSCLKOUT 150 MHz 2 Example: 150 MHz SYSCLKOUT 150 MHz 1/2 SYSCLKOUT 75 MHz 3 Example: 150 MHz 1/2 SYSCLKOUT 75 MHz 1/2 SYSCLKOUT 75 MHz 4 Example: 150 MHz 1/2 SYSCLKOUT 75 MHz 1/4 SYSCLKOUT 37.5 MHz The relationship between SYSCLKOUT and XTIMCLK is shown in Figure 6−30. XTIMING0 XTIMING1 XTIMING2 XTIMING6 XTIMING7 XBANK LEAD/ACTIVE/TRAIL 1† 0 XCLKOUT /2 XTIMCLK 1† 0 /2 C28x CPU XINTCNF2 (CLKMODE) XINTCNF2 (XTIMCLK) † Default Value after reset SYSCLKOUT XINTCNF2 (CLKOFF) 1 0 0 Figure 6−30. Relationship Between XTIMCLK and SYSCLKOUT 6.24 XINTF Signal Alignment to XCLKOUT For each XINTF access, the number of lead, active, and trail cycles is based on the internal clock XTIMCLK. Strobes such as XRD, XWE, and zone chip-select (XZCS) change state in relationship to the rising edge of XTIMCLK. The external clock, XCLKOUT, can be configured to be either equal to or one-half the frequency of XTIMCLK. For the case where XCLKOUT = XTIMCLK, all of the XINTF strobes will change state with respect to the rising edge of XCLKOUT. For the case where XCLKOUT = one-half XTIMCLK, some strobes will change state either on the rising edge of XCLKOUT or the falling edge of XCLKOUT. In the XINTF timing tables, the notation XCOHL is used to indicate that the parameter is with respect to either case; XCLKOUT rising edge (high) or XCLKOUT falling edge (low). If the parameter is always with respect to the rising edge of XCLKOUT, the notation XCOH is used. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |