Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 42 Page - Texas Instruments

Part # DAC39RFS10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 42 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 38Page - Texas Instruments DAC39RFS10 Datasheet HTML 39Page - Texas Instruments DAC39RFS10 Datasheet HTML 40Page - Texas Instruments DAC39RFS10 Datasheet HTML 41Page - Texas Instruments DAC39RFS10 Datasheet HTML 42Page - Texas Instruments DAC39RFS10 Datasheet HTML 43Page - Texas Instruments DAC39RFS10 Datasheet HTML 44Page - Texas Instruments DAC39RFS10 Datasheet HTML 45Page - Texas Instruments DAC39RFS10 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 232 page
background image
6.8 Timing Requirements
Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply
voltages, fCLK = 10.24 GHz, IFS_SWITCH = 20.5 mA, single tone amplitude = 0 dBFS, Dither and DEM enabled, unless
otherwise noted.
MIN
NOM
MAX
UNIT
INPUT CLOCK (CLK+, CLK-)
fCLK
Input clock frequency
800
10400
MHz
SYSREF (SYSREF+, SYSREF-)
tSYSREF_LOW
SYSREF Low Timing
5*tCLK +
1 ns
tSYSREF_HIGH
SYSREF High Timing
5*tCLK +
1 ns
tINV(SYSREF)
Width of invalid SYSREF capture region of CLK± period, indicating setup or
hold time
violation, as measured by SYSREF_POS status register(1)
13
ps
tINV(TEMP)
Drift of invalid SYSREF capture region over temperature, positive number
indicates a shift toward MSB of SYSREF_POS register
–0.05
ps/°C
tINV(VA11)
Drift of invalid SYSREF capture region over VDDSYS18 supply voltage,
positive number indicates a shift toward MSB of SYSREF_POS register
0.19
ps/mV
tSTEP(SP)
Delay of SYSREF_POS LSB
SYSREF_ZOOM = 0
20
ps
SYSREF_ZOOM = 1
9
DC(SYSREF)
SYSREF duty cycle (asserted) when
using a periodic SYSREF signal
SYSREF duty cycle (asserted) when
using a periodic SYSREF signal
50%
55%
t(PH_SYS)
Minimum SYSREF± assertion duration after SYSREF± rising edge event
8
ns
RESET
tRESET
Minimum RESET pulse width
100
ns
TXENABLE
tTXENABLE_LOW
TXENABLE Low Time
102
clock
cycles
(1)
Use SYSREF_POS to select an optimal SYSREF_SEL value for the SYSREF capture, see the SYSREF Position Detector section for
more information on SYSREF windowing. The invalid region, specified by tINV(SYSREF), indicates the portion of the CLK± period(tCLK),
as measured by SYSREF_SEL, that may result in a setup and hold violation. Verify that the timing skew between SYSREF± and
CLK± over system operating conditions from the nominal conditions (that used to find optimal SYSREF_SEL) does not result in the
invalid region occurring at the selected SYSREF_SEL position in SYSREF_POS, otherwise a temperature dependent SYSREF_SEL
selection may be needed to track the skew between CLK± and SYSREF±.
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
42
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com