Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 59 Page - Texas Instruments

Part # DAC39RFS10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 59 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 55Page - Texas Instruments DAC39RFS10 Datasheet HTML 56Page - Texas Instruments DAC39RFS10 Datasheet HTML 57Page - Texas Instruments DAC39RFS10 Datasheet HTML 58Page - Texas Instruments DAC39RFS10 Datasheet HTML 59Page - Texas Instruments DAC39RFS10 Datasheet HTML 60Page - Texas Instruments DAC39RFS10 Datasheet HTML 61Page - Texas Instruments DAC39RFS10 Datasheet HTML 62Page - Texas Instruments DAC39RFS10 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 232 page
background image
6.14 Typical Characteristics: Noise Spectral Density
NSD at 70MHz offset from tone, typical values at TA = +25°C, minimum and maximum values over operating
free-air temperature range, typical supply voltages, fCLK = 10.24GHz, IFS_SWITCH = 20.5mA, single tone
amplitude = 0dBFS, Dither and DEM enabled, DEM_ADJ = 1 below 750MHz and 0 above 750MHz, unless
otherwise noted.
Output Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
-180
-175
-170
-165
-160
-155
-150
-145
-140
-135
-130
NRZ
RF
DEM/Dither On, DEM_ADJ = 0
DEM/Dither On, DEM_ADJ = 1
DEM/Dither Off
IFS_SWITCH = 41mA, NRZ and RF Modes
Figure 6-58. NSD vs Output Frequency and DEM/Dither Mode
Output Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
-180
-175
-170
-165
-160
-155
-150
-145
-140
-135
-130
DES2XL
DES2XH
DEM/Dither On, DEM_ADJ = 0
DEM/Dither On, DEM_ADJ = 1
DEM/Dither Off
IFS_SWITCH = 41mA, DES2XL and DES2XH Modes
Figure 6-59. NSD vs Output Frequency and DEM/Dither Mode
Amplitude (dBFS)
-6
-5
-4
-3
-2
-1
0
-176
-175
-174
-173
-172
-171
-170
-169
-168
49.7 MHz
97 MHz
IFS_SWITCH = 41mA, DES2XL, DEM/Dither off
Figure 6-60. NSD vs Digital Amplitude at Low Frequency
Output Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
-180
-175
-170
-165
-160
-155
-150
-145
-140
-135
-130
5 mA
10 mA
20.5 mA
41 mA
DEM and Dither Off, NRZ and RF Modes
Figure 6-61. NSD vs Output Frequency and Output Current
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com