Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 5 Page - Texas Instruments

Part # DAC39RFS10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 5 Page - Texas Instruments

  DAC39RFS10 Datasheet HTML 1Page - Texas Instruments DAC39RFS10 Datasheet HTML 2Page - Texas Instruments DAC39RFS10 Datasheet HTML 3Page - Texas Instruments DAC39RFS10 Datasheet HTML 4Page - Texas Instruments DAC39RFS10 Datasheet HTML 5Page - Texas Instruments DAC39RFS10 Datasheet HTML 6Page - Texas Instruments DAC39RFS10 Datasheet HTML 7Page - Texas Instruments DAC39RFS10 Datasheet HTML 8Page - Texas Instruments DAC39RFS10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 232 page
background image
5 Pin Configuration and Functions
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
Not to scale
DGND
DGND
DGND
2SRX-
2SRX+
DGND
0SRX-
0SRX+
DGND
AGND
AGND
DACOUTA+
DACOUTA-
AGND
VSSCLK
VSSCLK
DGND
DGND
DGND
3SRX-
3SRX+
DGND
1SRX-
1SRX+
DGND
AGND
AGND
AGND
AGND
AGND
VSSCLK
VSSCLK
4SRX+
5SRX+
VDDT
VDDT
VDDT
DGND
VDDT
VDDT
DGND
AGND
VEEAM18
VEEAM18
VEEAM18
AGND
VSSCLK
VSSCLK
4SRX-
5SRX-
VDDT
TXEN1
TXEN0
RESET
SDO
SDI
VDDIO
AGND
VEEAM18
VEEAM18
VEEAM18
AGND
VSSCLK
CLK+
DGND
DGND
DGND
FRDI0
FRDI1
SCANEN
SCS
SCLK
VDDIO
VSSCLK
VSSCLK
VDDCLK10
VSSCLK
VSSCLK
VSSCLK
CLK-
6SRX+
7SRX+
VDDT
FRCLK
FRDI2
DGND
VDDDIG
VDDEA
VDDEA
VDDLA
VDDCLK10
VSSCLK
VSSCLK
VSSCLK
VSSCLK
VSSCLK
6SRX-
7SRX-
VDDT
FRCS
FRDI3
VDDT
DGND
VDDDIG
DGND
VSSCLK
VSSCLK
VSSCLK
AGND
VDDA18A
AGND
AGND
DGND
DGND
DGND
ALARM
VDDT
DGND
VDDDIG
DGND
DGND
VDDLA
VDDCLK10
VDDCLK18
VDDCLK18
VDDA18A
AGND
RBIAS-
DGND
DGND
DGND
SYNC
VDDT
DGND
VDDDIG
DGND
DGND
VDDLB
VDDCLK10
VDDSYS18
VDDSYS18
VDDA18B
EXTREF
RBIAS+
14SRX+
15SRX+
VDDT
VDDR18
DGND
VDDT
DGND
VDDDIG
DGND
VSSCLK
VSSCLK
VSSCLK
AGND
VDDA18B
AGND
AGND
14SRX-
15SRX-
VDDT
VDDR18
DGND
DGND
VDDDIG
VDDEB
VDDEB
VDDLB
VDDCLK10
VSSCLK
VSSCLK
VSSCLK
VSSCLK
VSSCLK
DGND
DGND
DGND
VDDR18
RTEST
VDDT
DGND
VDDDIG
DGND
VSSCLK
VSSCLK
VDDCLK10
VSSCLK
VSSCLK
VSSCLK
SYSREF+
12SRX+
13SRX+
VDDT
VDDR18
DGND
ATEST
VDDDIG
DGND
VQPS
AGND
VEEBM18
VEEBM18
VEEBM18
AGND
VSSCLK
SYSREF-
12SRX-
13SRX-
VDDT
VDDT
VDDT
DGND
VDDT
VDDT
VQPS
AGND
VEEBM18
VEEBM18
VEEBM18
AGND
VSSCLK
VSSCLK
DGND
DGND
DGND
11SRX+
11SRX-
DGND
9SRX+
9SRX-
DGND
AGND
AGND
AGND
AGND
AGND
VSSCLK
VSSCLK
DGND
DGND
DGND
10SRX+
10SRX-
DGND
8SRX+
8SRX-
DGND
AGND
AGND
DACOUTB+
DACOUTB-
AGND
VSSCLK
VSSCLK
Figure 5-1. FCBGA Package, 256-Ball Flip Chip BGA with 1mm pitch (Top View)
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com