Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 87 Page - Texas Instruments

Part # DAC39RFS10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 87 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 83Page - Texas Instruments DAC39RFS10 Datasheet HTML 84Page - Texas Instruments DAC39RFS10 Datasheet HTML 85Page - Texas Instruments DAC39RFS10 Datasheet HTML 86Page - Texas Instruments DAC39RFS10 Datasheet HTML 87Page - Texas Instruments DAC39RFS10 Datasheet HTML 88Page - Texas Instruments DAC39RFS10 Datasheet HTML 89Page - Texas Instruments DAC39RFS10 Datasheet HTML 90Page - Texas Instruments DAC39RFS10 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 232 page
background image
6.17 Typical Characteristics: Modulated Waveforms
NSD at 70MHz offset from tone, typical values at TA = +25°C, minimum and maximum values over operating free-air
temperature range, typical supply voltages, fCLK = 10.24GHz, DEM_ADJ = 0 when DEM enabled, NPR waveform 80% of
Nyquist with 5% gap for measurement and 12dB PAR, unless otherwise noted.
Digital Backoff (dB)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
25
30
35
40
45
50
41 mA, DEX2XL
41 mA, NRZ
20.5 mA, DEX2XL
20.5 mA, NRZ
DEM/Dither Off
Figure 6-210. Noise Power Ratio vs Digital Backoff: 1st Nyquist
Zone
Digital Backoff (dB)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
25
30
35
40
45
50
41 mA, DEX2XL
41 mA, NRZ
20.5 mA, DEX2XL
20.5 mA, NRZ
DEM/Dither On
Figure 6-211. Noise Power Ratio vs Digital Backoff: 1st Nyquist
Zone
Digital Backoff (dB)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
25
30
35
40
45
50
20.5 mA, DEX2XL
20.5 mA, NRZ
DEM/Dither Off
Figure 6-212. Noise Power Ratio vs Digital Backoff: 2nd Nyquist
Zone
Digital Backoff (dB)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
25
30
35
40
45
50
20.5 mA, DEX2XL
20.5 mA, NRZ
DEM/Dither On
Figure 6-213. Noise Power Ratio vs Digital Backoff: 2nd Nyquist
Zone
IFS_SWITCH (mA)
0
5
10
15
20
25
30
35
40
45
50
36
38
40
42
44
46
48
50
DEX2XL, DEM/Dither On
DEX2XL, DEM/Dither Off
NRZ, DEM/Dither On
NRZ, DEM/Dither Off
Figure 6-214. Noise Power Ratio vs Output Current: 1st Nyquist
Zone
IFS_SWITCH (mA)
0
5
10
15
20
25
30
35
40
45
50
36
38
40
42
44
46
48
50
DEX2XL, DEM/Dither On
DEX2XL, DEM/Dither Off
NRZ, DEM/Dither On
NRZ, DEM/Dither Off
Figure 6-215. Noise Power Ratio vs Output Current: 2nd Nyquist
Zone
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
87
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com