Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 102 Page - Texas Instruments

Part # DAC39RFS10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 102 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 98Page - Texas Instruments DAC39RFS10 Datasheet HTML 99Page - Texas Instruments DAC39RFS10 Datasheet HTML 100Page - Texas Instruments DAC39RFS10 Datasheet HTML 101Page - Texas Instruments DAC39RFS10 Datasheet HTML 102Page - Texas Instruments DAC39RFS10 Datasheet HTML 103Page - Texas Instruments DAC39RFS10 Datasheet HTML 104Page - Texas Instruments DAC39RFS10 Datasheet HTML 105Page - Texas Instruments DAC39RFS10 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 232 page
background image
Channel
Bonder
DUC0
L
DUC1
L
DUC2
L
DUC3
L
2
DESDAC
2
DESDAC
Input 0
Input 1
Input 2
Input 3
DAC A
DAC B
Figure 7-13. DUC Block with real output
Table 7-5. DSP Modes with Single Output Signal
Input
Steams
LT
(Interpolati
on)
NCO_EN
DUC_FORMAT
DAC_SRC0
value
MXMODE0/
1
Description
1
1
0
Real
0x1
NRZ, RTZ,
RF, DES2x
Single channel mode (no up-conversion).
1
1
0
Real
0x1
DES1x
Single channel mode with dual-edge samples w/o
interpolation (DES1X). The JESD204C interface
provides all samples (no interpolation).
2, 4, 6 or 8
2-256x
1
Real
0x1, 0x3,
0x7, 0xF
NRZ, RTZ,
RF, DES2x
1-4 DUC channels with single real output
DAC_SRC0 settings are for 1, 2, 3, or 4 DUC
channels respectively.
These modes only produce one output signal, so only one DAC is required. The table shows the programming to use DACA (MXMODE1
should be set to disabled). The user may elect to use DACB instead by programming DAC_SRC1 and MXMODE1 (and setting MXMODE0
to disabled). The user may also program DAC_SRC1=DAC_SRC0 and MXMODE1=MXMODE0 and then tie the DAC outputs together to
get more output power.
Table 7-6. DSP Modes with Dual Output Signal
Input
Steams
LT
(Interpola
tion)
NCO_EN
DUC_FO
RMAT
DAC_SRC0
value
DAC_SRC1
value
MXMODE
0/1
Description
2
1
0
N/A
0x1
0x2
NRZ,
RTZ, RF,
DES2x
Dual channel mode (no up-conversion)
2, 4, 6 or
8
2-256x
1
Real
any bits set
any bits set
NRZ,
RTZ, RF,
DES2x
1-4 DUC channels with two real outputs
2
2-256x
1 or 0
Complex
0x1
0x4
NRZ,
RTZ, RF,
DES2x
1 DUC channel with complex output:
DACA outputs real samples
DACB outputs imaginary samples
4
2-256x
1 or 0
Complex
0x3
0xC
NRZ,
RTZ, RF,
DES2x
2 DUC channels with complex output
These modes produce two output signals (and uses both DACs). The user may elect to swap the values programmed into DAC_SRC0 and
DAC_SRC1 to swap the output signals. Typically MXMODE0 and MXMODE1 are set to the same setting, however this is not required.
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
102
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com