Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 111 Page - Texas Instruments

Part # DAC39RFS10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 111 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 107Page - Texas Instruments DAC39RFS10 Datasheet HTML 108Page - Texas Instruments DAC39RFS10 Datasheet HTML 109Page - Texas Instruments DAC39RFS10 Datasheet HTML 110Page - Texas Instruments DAC39RFS10 Datasheet HTML 111Page - Texas Instruments DAC39RFS10 Datasheet HTML 112Page - Texas Instruments DAC39RFS10 Datasheet HTML 113Page - Texas Instruments DAC39RFS10 Datasheet HTML 114Page - Texas Instruments DAC39RFS10 Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 232 page
background image
The method used for NCO synchronization is controlled through the register setting.
The JESD204C LSB approach allows the synchronization information to be embedded in the input data and can
therefore be easily controlled by the data source (that is, FPGA). By controlling the timing of the synchronization
bit across multiple devices, multi-device synchronization can be achieved.
Synchronization by issuing a SYSREF pulse requires a DC coupled SYSREF interface and the ability to issue a
single SYSREF pulse unless the NCO frequency is an integer multiple of the SYSREF frequency. Many systems
will use AC coupled SYSREF signals which eliminates the ability to reliably issue a single SYSREF pulse.
Careful timing of the SPI interface, especially for very slow SYSREF signals (< 10 MHz), may make masking
and unmasking of SYSREF at multiple devices possible, however it is not characterized since the SPI path is
asynchronous.
With SPI_SYNC synchronization, all NCOs within the device can be updated simultaneously.
7.3.6.1.2.4.1 JESD204C LSB Synchronization
The NCO blocks can be synchronized using the LSB of the "I" input of the DUC0 channel on the JESD204C
interface in complex input JMODES. Control bits that replace the LSB of the data samples are used to reset the
NCO phase or an NCO frequency change. Table 7-11 show how the SYNC bit replaces the I sample LSB when
using LSB replacement. The LSB replacement mode is enabled when the SPI_SYNC register bit is high while
NCO_SYNC_SRC is set to 3. To trigger the event, the LSB must be low for 4 or more consecutive samples, and
then high for 4 consecutive samples. The sync coincides with the 4th high sample arriving at the DUC0 input.
When using the SPI to update the NCO frequency word, the user must set SPI_SYNC back to 0 to change back
to the LSB representing I sample data. When using the FR interface to update the NCO, the LSB changes back
to representing the I sample data after the synchronization event is triggered.
Table 7-11. Bit Assignment using LSB Replacement
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
I Sample
I[15:1]
Sync
Q Sample
Q[15:0]
7.3.6.1.2.5 NCO Mode Programming
Table 7-13 and Table 7-12 show the register programming for the different NCO modes. Each NCO[n] can have
separate mode selection.
Table 7-12. NCO Programming: SPI Usage (FR_EN = 0)
NCO_AR[n]
NCO_CONT[n]
Mode
0
0
Phase Coherent
1
Phase Continuous
1
0
Phase Reset
1
Table 7-13. NCO Programming: FRI Usage (FR_EN = 1)
FR_NCO_AR[n]
NCO_CONT[n]
Mode
0
0
Phase Coherent
1
Phase Continuous
1
0
Phase Reset
1
7.3.6.1.3 Mixer Scaling
The DUC mixer support complex to complex or complex to real mixing of the complex interpolated input signal
with the NCO frequency. The scaling in the mixer is exactly 1:1, so a fullscale 16-bit (absolute amplitude =
32767) complex tone results in a fullscale real or complex tone at the output. If the input absolute value of the
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
111
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com