Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD03 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # CS-LD03
Description  Optical Interruption of Quantum Cascade Laser for Cavity Ring- Down Spectroscopy
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD03 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  CS-LD03 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD03 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD03 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD03 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD03 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Case Study CS-LD03 Rev. A
Page 2
© 2021 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
PROBLEMS AND GOALS
CRDS can be very effective for low concentration
measurements. However, until recently MIR optics, lasers,
and quick drivers were either hard to obtain or expensive
to implement into the CRDS system. CRDS has slowly
overcome these limitations with the development of a room-
temperature Quantum Cascade Laser (QCL), prices for
components at MIR wavelengths have dropped and they
have become more available as have high reflectivity MIR
mirrors for creating the high-finesse resonator cavity.
One of the most important aspects of CRDS is the laser
interruption. It is important to accomplish this quickly and
efficiently to ensure the CRD event will be rapid and purely
exponential. If the interruption is of poor quality it can result
in oscillations in the CRD decay signal. This could decrease
the sensitivity of the system or prevent the CRD event
measurement altogether.1
There are three common ways to enable rapid interruption.
All three methods have their own disadvantages.
1. Fast current modulation of the laser - Modulating the
current of the laser can potentially reduce the amount
of light build up in the cavity. In this case, the signal-
to-noise ratio is poor, decreasing the sensitivity of the
spectrometer.
2. Acousto-Optic Modulator (AOM) - AOMs are not ideal
due to high cost in the MIR range. Problems also can be
created due to difficulties in alignment of the laser and
overall added complexity to the system design.
3. Sharp Current Step - This method can be very
effective in interrupting the laser to the cavity by shifting
the frequency to a region absent of cavity resonances.
However, this requires a fast QCL driver. The CRD events
are on the order of a few microseconds to a couple of
hundred of microseconds. The current step needs to be
fast or the poor interruption will generate oscillations in the
CRD event, decreasing the precision and effectiveness
of the measurement. Finding a fast QCL driver can be
expensive.1
Researchers at the VTT Technical Research Centre of
Finland have developed a new optical interruption design
using a laser diode to modulate a QCL upon cavity build
up.
METHOD
The NIR emission allows for amplitude modulation (AM)
and frequency modulation (FM) of the laser diode to create
a fast interruption of the QCL signal into the resonator.
This method, compared to the current method of electrical
interruption, benefits from lower cost, lower required QCL
driver bandwidth, and the potential to return to the original
frequency quickly and with greater precision. A faster
return to the original frequency allows acquisition of ring-
down events at an increased rate if the cavity is locked on
a resonator.
Figure 2 shows the schematic of the optical
interruption of a laser diode pumped QCL.
Figure 2. Schematics of the experimental setup; more
details are given in the text. Reprinted with permission
from Reference 1 © The Optical Society.
The laser diode is in the NIR wavelength range (1310 nm)
and induces modulation in the QCL in the MIR wavelength
range (4.5 µm). The injection of NIR laser diode photons
increases the electron density in the lasing sub-bands of the
QCL if the energy of the photons is close to the bandgap
energy of the QCL active region. This will increase the
output power of the QCL, although if the photon energies
are higher, it will not increase the power or contribute to
lasing. It will actually decrease the output power. In either
case, the QCL wavelength is shifted.
The noise of the laser diode and the driver could potentially
affect the linewidth of the QCL. Low noise drivers are critical
for narrow linewidth and wavelength stability. Stable current
to the laser diode and QCL is necessary to efficiently
conduct the experiment and measurement.
The QCL is mode matched to an optical resonator cavity
with a linewidth of 3.5 kHz, and the mirror separation inside
the cavity is 0.38 m and corresponds to a free spectral
range (FSR) of 395 MHz. This will give typical CRD event
times in an empty cavity on the order of 46 µs.
Other elements in the design include the isolator, two
detectors, function generator, and a trigger circuit. The
isolator prevents feedback from the cavity. Detector 1
(after the cavity) collects the light leaking out of the cavity.
When enough build up is detected in the cavity, the trigger
circuit will stop the NIR laser and shift the frequency of
the QCL, starting the ring-down event. The timing signal,
from the trigger circuit, is sent to the QCL driver for
electrical interruption or to the laser diode driver for optical
interruption. Detector 2 (before the cavity) monitors the QCL
output after the final mirror before the cavity and is recorded
and fitted to an exponential curve in real time. Both detector



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com