Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD03 Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # CS-LD03
Description  Optical Interruption of Quantum Cascade Laser for Cavity Ring- Down Spectroscopy
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD03 Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  CS-LD03 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD03 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD03 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD03 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD03 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Case Study CS-LD03 Rev. A
Page 3
© 2021 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
signals can be seen in
Figure 3. The function generator is
used to modulate the NIR laser for the alignment portion
of the design, but for measurements the laser diode is
changed to constant emission. The QCL is modulated with
a 10 kHz rising saw-tooth ramp to scan over the cavity
resonances. This slow ramp, from the QCL driver, produces
a wavelength shift in the same direction as the interruption
to avoid potential recoupling to the same resonance.
When the laser diode is stopped by the trigger circuit, the
interruption begins and starts the CRD event (
Figure 3).
There is a dramatic change in signal from detector 2 due to
the change in NIR laser diode output.
Figure 3 also shows
the desired exponential decay with the optical interruption
compared to the residual effects without interruption. This
effect can further be seen in
Figure 4.
Figure 3. (a) Typical cavity ring-down traces from
detector 1 with and without active interruption.
Timing signal that triggers the interruption and laser
power measured with detector 2 (AC), showing the
effect of NIR modulation. (b) Scatterplot of the ring-
down measurements against the QCL modulation
voltage. Reprinted with permission from Reference 1
©
The Optical Society.
RESULTS
When compared to electrical interruption, optical
interruption of a QCL shows little difference.
Figure 4
shows the CRD events with exponential decay fit curves as
well as residual voltages.
Figure 4. Typical ring-down traces and fit residuals
with (a) optical interruption, (b) electrical interruption,
and (c) no interruption. Reprinted with permission from
Reference 1 © The Optical Society.
It is clear that without interruption the CRD event is
overcome by oscillations in the signal and large residuals,
even in the cleanest events. To compare the electrical
and optical interruptions, 10640 and 11246 CRD events
for optical and electrical, respectively, were recorded.
These measurements were recorded in 15 minutes and
collected into a histogram plot with a normal distribution fit.
Figure 5 shows the histogram plots of both methods, and
both fit the normal distribution well. They also show ideal
averaging based on the Allan-deviation plot.
Figure 5. (a) Histogram plot of the fitted ring-down
times with optical and electrical interruption. (b) Relative
Allan deviations of the time series of ring-down events
measured with optical and electrical interruptions.
Reprinted with permission from Reference 1
©
The Optical Society.
To further show the effectiveness of optical interruption, a
CO
2 spectrum was measured centered on 2209.08 cm
-1
.
Acquisition time was 300 seconds, resulting in 3386 and
3980 CRD events for optical and electrical, respectively.
Figure 6 shows the measurement results of the CO
2 data
with both methods.
Figure 6. CO
2 absorption spectrum around 2209.08 cm
-1
peak at 20 mbar pressure and approximately 23ºC.
The CO
2 amount fraction was close to 100%. Spectra
measured with (a) optical interruption and (b) electrical
interruption.Reprinted with permission from Reference 1
©
The Optical Society.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com