Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD07 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # CS-LD07
Description  High-Definition Video Broadcasting with QCLs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD07 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  CS-LD07 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD07 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD07 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD07 Datasheet HTML 4Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Case Study CS-LD07 Rev. A
Page 2
© 2022 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Long wave infrared (LWIR) has advantages of low-
attenuation and low-scattering behavior in the atmosphere.
Low-attenuation and low-scattering properties are crucial
in free-space light propagation. Quantum cascade lasers
(QCLs) use cascade intersubband transitions in quantum
wells and heterostructure lattices to emit wavelengths from
mid-IR to far-IR. Because the output of QCLs can reach up
to several watts, they can be utilized as the primary optical
source for free space communications. QCLs also have
a very low carrier lifetime, relating to energy released as
photons, and an absence of relaxation oscillation frequency.
Both of these qualities are practical for high-speed direct
modulation.1
With free-space communication based on an LWIR emitting
QCL, a high-speed data transmission rate on the order of
multi-Gbits per second is a possibility. This realization could
pave the way to future real-field free-space optical link
using LWIR wavelength with ground-to-ground or ground-
to-satellite networks.1
METHOD
Researchers from the Institut Polytechnique de Paris,
France; Beijing, China; and New Mexico, USA have
developed a QCL for high-definition video broadcasting for
free-space communications. By broadcasting live video at a
high data rate, researchers can demonstrate the potential of
QCLs as the optical source for free-space communication
transmission.
The designed QCL and the details of the light-intensity-
voltage (LIV) curves at various temperatures can be
seen in
Figure 2. The physical properties of the QCL are
carefully designed for maximum power output, precise
wavelength emission, and increased modulation bandwidth.
Figure 2. (a) Light-intensity-voltage (LIV) curves for various temperatures; the bottom inset shows the spectrum of
the laser for three different bias currents while keeping the temperature at 288 K: 110 mA, 125 mA and 140 mA. (b) S12
measurements for four different bias currents: 105 115, 125, 140 mA. One can see how the electrical bandwidth of the
QCL increases with bias current and is then kept unchanged for values above 125 mA. The maximum 3-dB bandwidth is
700 MHz. The inset in the bottom left shows the QCL under study, with optimized connectors for high speed operation.1
The QCL emits light at a wavelength of 8.1 µm in the
LWIR domain. The ridge width is 8 µm with a short
cavity length of 0.5 mm. This cavity length minimizes
the parasitic capacitance of the QCL, increasing the
modulation bandwidth. Fortunately, this QCL only has
around 1.7 W electrical consumption for maximum optical
power. Although the maximum beam power is only
10 mW at 140 mA and 12 V, the losses are very weak at
this wavelength in the atmosphere and do not affect the
quality of the transmission.1 The QCL is maintained at a
constant temperature, and its current is precisely driven by
Wavelength Electronics' QCL2000 LAB QCL driver.
Figure 2 shows a threshold current of 110 mA at a
temperature of 293 K. The maximum beam power of 10 mW
is seen at 140 mA and 12 V. From the inset of
Figure 2a, a
single mode is exhibited for currents below 140 mA.
This developed QCL makes high data rate transmission in
the atmosphere possible with minimal loss. The reduced
distortion enables beams to propagate through free space
without errors. The absence of a relaxation oscillation
resonance ensures the modulation bandwidth is large
enough for the high definition video broadcasting.
Figure 2b shows the importance of building optimized
electrical contacts to take advantage of the modulation
capabilities of the QCL. The maximum 3-dB bandwidth
found with this QCL is 700 MHz for bias currents above
125 mA.1
Figure 3 shows the experimental setup for the
video broadcasting. This includes the QCL with
current driver as well as a computer connected to
an HDMI/SDI converter to create the modulated
signal. The low noise current from the QCL driver
is combined with the RF modulated signal from the



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com