Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD07 Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # CS-LD07
Description  High-Definition Video Broadcasting with QCLs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD07 Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  CS-LD07 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD07 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD07 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD07 Datasheet HTML 4Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Case Study CS-LD07 Rev. A
Page 3
© 2022 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Figure 3. (a) Experimental setup for the video broadcasting. We tried three different formats which correspond to three
different data rates: 3G1080p59.94, HD720p59.94 and SD480p59.94 for respectively 2.970 Gbits/s, 1.485 Gbits/s, and
270 Mbits/s. (b) Picture of the setup for high-definition video broadcasting with an 8.1 microns QCL.1
converter with a bias tee. This is the electrical signal that
the QCL receives to generate a modulated beam that
impinges the MCT detector 1.5 m away. The signal detected
from the QCL is converted once again and displayed on
a TV monitor with an HDMI cable for viewing. This setup
allows for live transmission viewing on a remote screen.
RESULTS
The video broadcasting results can be seen in
Figure 4 for
three different video formats: SD480i59.94, HD720p59.94,
and 3G1080p59.94. Audio is also embedded in the HDMI
format and transmitted alongside the video, and it can be
heard through speakers in the TV monitor. All three video
formats are transmitted at different data rates.
Figure 4. Video 1 : QCL transmission at 8.1 μm for three different formats SD480i59.94, HD720p59.94 and 3G1080p59.94
corresponding to different data rates : 270 M Bits/s, 1.485 G bits/s and 2.970 G bits/s. In blue, and in orange, we have
respectively the generated signal and the received signal by the MCT. The transmission is error free for the two first
formats mentioned. On the bottom of the figure, we can find the image obtained on the screen at the reception for the
three different formats.1
The SD480i59.94 and the HD720p59.94 formats
both achieved error-free transmission. These formats
correspond to data rates of 270 Mbits/s and 1.485 Gbits/s,
respectively. The 1080p format had a required data rate
of 2.970 Gbits/s, and the bandwidth of the detector and
laser became detrimental at this point leading to errors
in the transmission.1 The transmission is still of very high
quality, but error-free results cannot be guaranteed without
changes in the setup. The right panel of
Figure 4 shows the
distorted signal for this 1080p format.
With the developed 8.1 µm wavelength QCL, a free-space
high-definition broadcasting system is demonstrated
with error-free results for two different video formats. The
research is a proof-of-concept of a 1.485 Gbits/s data
transmission without errors in the LWIR domain. This
design can be resistant to degraded atmospheric conditions
compared to other shorter wavelength systems.1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com