Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD07 Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # CS-LD07
Description  High-Definition Video Broadcasting with QCLs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD07 Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  CS-LD07 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD07 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD07 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD07 Datasheet HTML 4Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Case Study CS-LD07 Rev. A
Page 4
© 2022 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
KEYWORDS
Quantum cascade laser, mid-infrared photonics, free-
space communication, data transmission, high-definition
video broadcasting, QCL, LWIR, attenuation
PRODUCTS USED
QCL2000 LAB
REVISION HISTORY
Document Number: CS-LD07
REVISION
DATE
NOTES
A
December 2022
Initial Release
REFERENCES
1. Pierre Didier, Ke Yang, Olivier Spitz, Alice Guillaume-
Manca, Junqi Liu, and Frédéric Grillot "High-definition
video
broadcasting
with
a
room-temperature
quantum cascade laser emitting in the long-wave
infrared domain", Proc. SPIE 12021, Novel In-Plane
Semiconductor Lasers XXI, 120210D (2022); https://
doi.org/10.1117/12.2608511
USEFUL LINKS
•
QCL2000 LAB Product Page
PERMISSIONS
Figures 2, 3, 4 and data used for this case study were
obtained from Reference 1. Permission was granted for use
of the images and data from SPIE and the corresponding
author(s) of Reference 1.
Captions for Figures 3 and 4 were modified for consistency.
No changes were made to the other images or the captions.
They are presented here in their original form.
This QCL data transmission setup can be considered for
long distance free-space communications as the absorption
of the atmosphere attenuation at this wavelength is roughly
3 dB per kilometer.1 This error-free transmission can also
be utilized for long periods of time without disconnect.
Overall, this experiment paves the way toward free-space
communication with rates of dozens of Gbits per second
with LWIR QCLs.
WAVELENGTH'S ROLE
High definition video broadcasting requires high precision
and stable control of the quantum cascade laser in
signal transmission. Wavelength Electronics' QCL driver,
QCL2000 LAB, enabled precise current control with
minimal electronic noise from the QCL. The driver also
allows analog modulation of up to 2-3 MHz for wavelength
modulation. This allowed the QCL to emit a constant,
uninterrupted signal that is subsequently modulated for
communication purposes. The transmission was studied for
several hours at a time, indicating the long term stability of
the QCL2000 LAB current driver.
The stability of the QCL bias current is critical for consistent
electrical bandwidth of the QCL. Wavelengths' low noise,
high stability QCL driver, QCL2000 LAB, can precisely
deliver up to 2 A to the laser. This benchtop QCL driver
instrument exhibits noise performance of 1.3 µA RMS up to
100 kHz with an average current noise density of 4 nA/√Hz.
Additional features, such as the intuitive touchscreen
interface, USB and Ethernet connections, rack mountability,
and adjustable output current and compliance voltage
enable custom setup in any design. Brown-out, overvoltage,
key switch, turn-on delay, and current ramp protect the user
and the QCL from potential damage and electrical faults.
The QCL2000 LAB QCL driver instrument enables
high definition video broadcasting with a data rate of
1.485 Gbits/s with low noise and stable laser output. This
makes the developed QCL system a reliable tool for real-
field applications in free-space communication.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com