Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD07 Datasheet(PDF) 1 Page - Wavelength Electronics, Inc.

Part # CS-LD07
Description  High-Definition Video Broadcasting with QCLs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD07 Datasheet(HTML) 1 Page - Wavelength Electronics, Inc.

  CS-LD07 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD07 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD07 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD07 Datasheet HTML 4Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2022 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Case Study CS-LD07 Rev. A
High-Definition Video
Broadcasting with QCLs
December, 2022
Page 1
ABSTRACT
Free-space communications can overcome logistical barriers and infrastructures of broadband connections
in remote or rural areas. By using long wave infrared (LWIR) quantum cascade lasers (QCLs) as optical
sources, high data rates can be transmitted error-free, eliminating the need for physical connections.
By experimenting with live video broadcasting at different levels of video formats, researchers realized
free-space live video broadcasting with a room temperature QCL with a wavelength of 8.1 µm. The high-
definition video format (1280 pixels x 720 pixels) is transmitted at a data rate of 1.485 Gbits/s without any
errors. A higher-definition format transmission (HD1080p59.94 at 2.970 Gbit/s) is also demonstrated, but
further actions need to be taken to achieve error-free results. This design shows promising results for
applications in free-space optics and communications based on mid-infrared wavelengths.
FREE-SPACE COMMUNICATION
Internet is a critical factor for the development of countries
in terms of education, health, and science.1 Although the
number of Internet users has rapidly increased in the last
two decades from only 413 million users in 2000 to over
4.88 billion users in 2021, remote and rural areas do not
have the same access as more developed areas. Less than
a quarter of the world's population has access to a personal
broadband Internet connection. Therefore, the drive to
expand the current high-speed Internet network is growing.
Broadband Internet in remote areas is possible, but it
is not realistically achievable.
Figure 1 shows a rural
area with cell tower transmission but without broadband
Internet connection. In such situations, broadband Internet
connections are not justifiable. The infrastructure of
broadband Internet creates logistical difficulties, such as
buried fiber wires, as well as their very high costs.1 Although
fiber optic connections use light for higher transmission
speeds, they are still restrained by the physical connections
needed in buried lines, material and labor costs.
Similar to fiber optics, free space communication uses light
for data transmission. However, free space optics transmit
the light through the atmosphere - free space, whereas
fiber optics transmit the light through an optical cable. Free
space technology has the potential to be one of the key
tools to develop lower-cost broadband Internet connection.1
In the same way cell towers and Wi-Fi connections transmit
data to networks through the atmosphere, free space
communication can help transfer data at a high rate in
remote areas without the need for time- and labor-intensive
infrastructure.
Figure 1. Aerial view of mobile phone cell tower over
forested rural area illustrating the lack of fiber-based
broadband Internet service
PROBLEMS AND GOALS
Free space communication systems can use a large
range of wavelength domains. From short wave to long
wavelength radio domain, every wavelength has a
designated use. Radio frequencies and Wi-Fi networks
have intrinsic limitations: data transmission rates are limited
and they have a degrading sensitivity to atmospheric
conditions.1 These problems can lead to difficulties in
development of communication in free space. There is a
need for a free-space communication system to develop
lower cost broadband Internet connection that is reliable
in inclement weather as well as having error-free data
transmission.


Similar Part No. - CS-LD07

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
CS-LD01 WAVELENGTH-CS-LD01 Datasheet
273Kb / 5P
Lower Electronic Noise Enhances Atmospheric Gas Sensing
June, 2018
CS-LD02 WAVELENGTH-CS-LD02 Datasheet
2Mb / 5P
Artery Targeted Photothrombosis to Better Model Human Stroke and Forelimb Impairment
October, 2019
CS-LD03 WAVELENGTH-CS-LD03 Datasheet
1Mb / 5P
Optical Interruption of Quantum Cascade Laser for Cavity Ring- Down Spectroscopy
January, 2021
CS-LD04 WAVELENGTH-CS-LD04 Datasheet
4Mb / 5P
Biological Detection Using Virus Lasers
June, 2021
CS-LD05 WAVELENGTH-CS-LD05 Datasheet
1Mb / 5P
CO Detection in SF6 Using Quartz-enhanced Photoacoustic Spectroscopy
March, 2022
More results

Similar Description - CS-LD07

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1381 SANYO-2SA1381 Datasheet
137Kb / 4P
High-Definition CRT Display, Video Output
logo
LOGIC Devices Incorpora...
LF3370 LODEV-LF3370 Datasheet
412Kb / 24P
High-Definition Video Format Converter
logo
Broadcom Corporation.
BCM7020R BOARDCOM-BCM7020R Datasheet
153Kb / 1P
HIGH DEFINITION VIDEO UMA SUBSYSTEM WITH 2D GRAPHICS
BCM7021 BOARDCOM-BCM7021 Datasheet
130Kb / 1P
HIGH DEFINITION VIDEO PCI SUBSYSTEM WITH 2D GRAPHICS
logo
Analog Devices
ADA4417-3 AD-ADA4417-3 Datasheet
454Kb / 16P
Integrated Triple Video Filter for High Definition Video
7/06-Revision 0
logo
Zoran Corporation
CVE5 ZORAN-CVE5 Datasheet
232Kb / 2P
High Definition Video Encoder
logo
Silicon image
MSVD-HD SILICONIMAGE-MSVD-HD Datasheet
178Kb / 2P
Multi-Standard High-Definition Video Decoder
logo
ON Semiconductor
NCS2563 ONSEMI-NCS2563 Datasheet
133Kb / 9P
3-Channel Video Amp with High Definition Reconstruction Filters
March, 2009 ??Rev. 4
logo
Analog Devices
ADA4417-3 AD-ADA4417-3_15 Datasheet
435Kb / 16P
Integrated Triple Video Filter for High Definition Video
REV. A
logo
Maxim Integrated Produc...
MAX11500 MAXIM-MAX11500 Datasheet
152Kb / 8P
Three-Channel, High-Definition Video Filter
Rev 0; 1/08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com