Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD10 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # CS-LD10
Description  Quantification of the Removal and Inactivation of Virus Particles
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD10 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  CS-LD10 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD10 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD10 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD10 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD10 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Case Study CS-LD10 Rev. A
Page 2
© 2023 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Even with an effective functionalized membrane to
counteract viruses, a simple and detailed quantification
method is desired. The mechanisms behind the reduction
of infectious particles from the polymer-functionalized
membrane are not fully understood, and obtaining
information on the quantity of viruses reduced, adsorbed, or
made inactive is often complex and time-consuming.
Currently, there are multiple methods to quantify the
reduction of viruses in a sample or system. End-point
dilution and plaque assays are commonly used together
for counting the number of infectious particles, and more
simple methods include flow virometry and scanning
electron microscopy for counting intact viruses but not
infectivity after filtration. These methods show the total
number of virus particles per volume.1
Other methods that measure the genetic material of viruses
to determine the number of viruses, such as qPCR, do not
necessarily reflect the number of infectious particles that
are present as virus inactivation may result in a release of
genetic material. The measured genetic materials or virus
proteins, that are released as a result of inactivation from
the functionalized membrane, are not infectious after the
functionalized micro-filtration. Thus, these materials that
are not infectious are inaccurately counted toward the
virus total. Methods to accurately and easily monitor the
breakdown of bio(macro)molecules such as virus capsid, or
the protein shell of a virus, are challenging to find and to
develop. All of these methods are experimentally complex
and time-consuming and hinder the development and
optimization of antiviral surfaces.1
METHOD
Researchers from the Netherlands have designed a
single particle counting (SPC) approach to investigate
virus removal and inactivation in fluids with fluorescence
microscopy and spectroscopy for observation and
quantification.1 With this design, the interactions between
the functionalized membrane and the viruses are studied,
specifically interactions resulting in disassembly or
inactivation of the viruses. Virus removal and inactivation is
demonstrated and monitored through fluorescently labeled
viruses and can be tracked through changes in emission
spectra and fluorescence lifetime.
For the functionalized membrane, branched polyethylen-
imine (PEI) was adsorbed onto poly(ether sulfone) (PES)
micro-filtration membranes with pore size of 0.45µm. This
membrane combination was coated in a solution of 0.52 mM
PEI for functionalized modification.1 This membrane has
been shown to effectively reduce virus particles in samples,
but the details are not well known or documented. The virus
interaction with the PEI coating on the membrane causes
the inactivation of the virus particles.
For this experiment and design, Cowpea chlorotic mottle
virus (CCMV) was used with the capsid proteins of CCMV
bonding with fluorophores to allow for fluorescent labeling.
To count the number of viruses in the solution, the average
number of attached fluorophore molecules per virus was
first determined from the absorbance at 260 and 646 nm.
As the CCMV does not absorb at 646 nm, the fluorophore
absorption at 260 nm was taken into consideration
when calculating the degree of labeling and found to be
61 fluorophores / virus.1 With this value, the quantification
of virus concentration can be discovered with SPC. An
example of the SPC in both a traditional PES micro-filtration
membrane and a PEI-coated PES membrane is shown in
Figure 2. This plot shows the effectiveness of viral retention
of the PEI-coated PES membrane compared to the normal
PES membrane.
Figure 2. CCMV removal by microfiltration membranes,
quantified in single particle counting experiments. The
data show the cumulative amount of CCMV particles
detected in the filtrate as a function of the cumulative
amount of CCMV particles that was applied to the
membrane via the feed. The cumulative CCMV removal
by a PES membrane with a nominal pore size of 0.45 μm
is shown in red, and the removal of a PEI-coated PES
membrane is shown in blue. The inset shows the log
removal as a function of the cumulative number of
particles applied to the membrane via the feed.1
In the SPC, the fluorescence is excited using a 638 nm,
2.1 mW diode laser driven by Wavelength Electronics'
LD5CHA laser driver. Diffraction limited spots from the
filtered light imaged onto a camera are located and counted
to determine the number of fluorescently labeled viruses.
Variables such as noise and out of focus signals could
create false positives, so an intensity threshold was used
to counteract potential issues. The size of the virus particles
is also tracked and recorded. The CCMV particles are
characterized through spectroscopy using measurements
of fluorescence lifetime, correlation spectroscopy, and 3D
fluorescence lifetime imaging.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com