Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD10 Datasheet(PDF) 1 Page - Wavelength Electronics, Inc.

Part # CS-LD10
Description  Quantification of the Removal and Inactivation of Virus Particles
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD10 Datasheet(HTML) 1 Page - Wavelength Electronics, Inc.

  CS-LD10 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD10 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD10 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD10 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD10 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2023 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Case Study CS-LD10 Rev. A
Quantification of the Removal and
Inactivation of Virus Particles
October, 2023
Page 1
ABSTRACT
Researchers from the Netherlands have developed and demonstrated a new method of quantifying and
characterizing antiviral properties of polymer-functionalized surfaces for virus filtration and inactivation.
Specifically, a polyethylenimine (PEI)-coated poly(ether sulfone) (PES) micro-filtration membrane
was used to adsorb, inactivate, as well as disassemble virus capsids. Using fluorescence microscopy,
spectroscopy, and single particle counting, only a small fraction (1%) of intact viruses can pass through
the membrane, and a large fraction of viruses became inactivated and disassembled. Not only does the
virus adsorb onto the PEI coating, it also interacts with PEI to disassemble the virus capsid. This new
method provides a simpler and faster quantification and characterization technique for virus filtration and
inactivation in the medical and biological world.
VIRUS INACTIVATION
In many biological fluids and water, there is a need for
viruses to be removed or inactivated to ensure the liquid
is not contaminated. The simple solution is to remove the
viruses completely, but in situations where this cannot be
achieved, viral inactivation can stop the viruses by causing
them to be non-infectious. Rather than removing all the
virus particles, many viruses can be inactivated by chemical
alteration and can remain in the fluid after inactivation.
Some processes actually disassemble the virus particles
and further the inactivation procedure, rendering them
harmless to the final product. Techniques for removal or
inactivation are used in health and environmental research
as well as the food industry. This research is crucial for
water purification as well as blood tests and treatments.
Virus removal and inactivation is nothing new to the
biological and medical industry, but there is minimal
understanding and documentation on how some
infectious particles are reduced, removed, or inactivated
by functionalized surfaces. Functionalized surfaces are
chemically or biologically modified surfaces which can
interact with specific molecular species. Knowing how
to develop polymer-functionalized surface materials and
systems for virus retention is necessary for research,
sample tests, and experiments; but knowing how to quantify
the reduction of viruses and understanding how different
functionalized materials and methods reduce or inactivate
infectious particles is even more critical. Monitoring the
virus-reduction or inactivation processes of these systems
and filter membranes can be laborious and time consuming.
Characterization and quantification of virus retention and
inactivation surfaces are needed to design more advanced
and effective micro-filtration membranes for critical
applications in food and drug industries, vaccines, air and
water purification, and viral sample extraction.
Figure 1. Polymer-functionalized surface for removing
and inactivating viruses.1
PROBLEMS AND GOALS
The most straightforward and simple solution to stopping
viruses is to remove them using ultra-filtration membranes
based on the size of the viruses. This can be effective, as
seen in water filtration systems, but only to a certain degree
of success. Large pore sizes in micro-filtration membranes
enable many virus particles to move through without
reduction or any inactivation. A more advanced approach
is needed to improve upon this standard micro-filtration
system.
A different technique uses a functionalized surface that
continuously interacts with virus particles passing through.
Some viruses are adsorbed on the surface while others
are inactivated through interaction with the functionalized
membrane. A polymer-functionalized membrane has been
used for gravity or low pressure driven water filtration
systems and can be used to effectively remove infective
virus particles.1


Similar Part No. - CS-LD10

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
CS-LD11 WAVELENGTH-CS-LD11 Datasheet
3Mb / 5P
Laser Absorption of Atmospheric Ammonia for Mobile Measurements
July, 2024
CS-LD12 WAVELENGTH-CS-LD12 Datasheet
2Mb / 5P
Real-time Chlorophyll Fluorescence:Enabling Higher Quality Palm Oil During Production
September, 2024
CS-LD13 WAVELENGTH-CS-LD13 Datasheet
1Mb / 5P
Cryogen-Free Solution for Terahertz Absorption Spectroscopy
January, 2025
CS-LD14 WAVELENGTH-CS-LD14 Datasheet
2Mb / 5P
Multicolor Images of Hidden Materials with Interferometry Using THz QCLs
April, 2025
CS-LD15 WAVELENGTH-CS-LD15 Datasheet
3Mb / 5P
Sulfur Species Detection Using Three-Channel QCL Sensor
September, 2025
More results

Similar Description - CS-LD10

ManufacturerPart #DatasheetDescription
logo
3M Electronics
GS-2000-4405-4 3M-GS-2000-4405-4 Datasheet
158Kb / 17P
Identification of the substance/mixture and of the company/undertaking
05-Sep-2011
logo
Littelfuse
494158 LITTELFUSE-494158 Datasheet
29Kb / 1P
Temporary Deviation: Notification of removal of UL recognition mark on 154 series
logo
STMicroelectronics
AN2021 STMICROELECTRONICS-AN2021 Datasheet
880Kb / 39P
The ST10F272B and ST10F272E are members of the STMicroelectronics
24-Sep-2013
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
the starter kit for demonstrating the performance and ease of use of the LTC짰2984
logo
Tyco Electronics
408-4214 MACOM-408-4214 Datasheet
136Kb / 5P
Installation and removal of the crimper from the tool holder assembly
logo
TE Connectivity Ltd
408-2648 TEC-408-2648 Datasheet
542Kb / 6P
The care, amount of use, and handling of the dies.
logo
Shenzhen Huazhimei Semi...
HM9300 HMSEMI-HM9300 Datasheet
244Kb / 2P
The package and pin of the chip
logo
SparkFun Electronics
BOK-11499 SPARKFUN-BOK-11499 Datasheet
122Kb / 2P
Robotics: Discover the Science and Technology of the Future
6??1??7
logo
Molex Electronics Ltd.
62100-9820 MOLEX-62100-9820 Datasheet
541Kb / 4P
This tool is designed for the removal of an IMPEL횚 Daughtercard signal module
08-30-13
logo
National Semiconductor ...
NS16450 NSC-NS16450 Datasheet
91Kb / 8P
A Comparison of the INS8250, NS16450 and NS16550AF Series of UARTs
April 1989
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com