Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD10 Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # CS-LD10
Description  Quantification of the Removal and Inactivation of Virus Particles
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD10 Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  CS-LD10 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD10 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD10 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD10 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD10 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Case Study CS-LD10 Rev. A
Page 3
© 2023 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Figure 3. Disassembly of CCMV capsids upon filtration over a PEI-coated PES membrane. (a) Emission spectra of
Atto647N-labeled CCMV of the feed (blue) and the filtrate (green). The dashed vertical lines indicate the position of the
emission peak maxima. (b) Peak normalized fluorescence decays of the CCMV particles in the feed (blue) and in the
filtrate (green). The lines through the data points represent a double- and single-exponential fit, respectively. (c) FCS
autocorrelation curves of the Atto647N-labeled viruses in the feed (blue) and in the filtrate (green). The fit to the data is
shown as a line. The data were normalized to G(t) at 0.01 ms.1
RESULTS
The non-enveloped virus, CCMV, with fluorescently labeled
virus capsids, was fed through the micro-filtration system
in a diluted solution. Both the PES and PEI coated PES
micro-filtration membrane were investigated as shown in
Figure 2. There is a difference in fluorescence for intact
virus capsids compared to disassembled capsids. This
is used to characterize any inactivated and disassembled
viruses after filtration.
Figure 3 shows the bulk spectroscopy
experiments on labeled viruses before and after filtration
and interaction with the PEI-coated membrane. Previous
experiments showed the presence of PEI in the virus
solution doubled the fluorescence as well as blue-shifted
the peak fluorescence position by ~3 nm.1 This ensures that
the decrease in infective particles is not only an effect of
virus adhering to the membrane.
Because the addition of PEI results in disassembly and
inactivation of the CCMV,
Figure 3 displays the retention
of the virus as well as effects on the virus integrity from
the PEI-coated PES membrane. Although the peak
emission intensity of the filtrate only dropped by a factor
of 4 (compared to 99% of intact viruses removed by
filtration during SPC experiments), the blue-shift of the
peak wavelength indicates the presence of disassembled
virus capsids. This is confirmed in
Figure 3b,c with the
fluorescence lifetime and correlation experiments. With
the single particle tracking spectra and bulk spectroscopy
spectra, both intact and disassembled virus capsids are
demonstrated to be present in the solution after membrane
filtration. Because the filtrate contains only 1% of intact
viruses, the fluorescence can be attributed to disassembled
virus capsids. If the virus capsids are either fully intact or
disassembled, it is calculated that 12.5% of the viruses
that were present before the micro-filtration membrane
are present after the PEI-coated PES membrane in the
disassembled state.1 Because only a trivial amount of
viruses are infectious in the filtrate, this method has
the advantage over traditional methods and accurately
reflects the number of disassembled, inactivated viruses.
Only ~13.5% of the virus capsids are found in the filtrate,
correlating to a large fraction left remaining on the
membrane filter. This is confirmed through fluorescence
microscopy shown in
Figure 4. Figure 4a,b,c show a
typical image of the fluorescence intensity at a large virus
load (1012), fluorescence lifetime of that membrane in (a),
and fluorescence lifetime image of a membrane with a lower
virus load (1011). As seen in
Figure 4d, an increase in virus
load correlates to an increase in fluorescence intensity,
implying no saturation of the membrane with the virus.
On the membrane itself are viruses that are disassembled,
although the fluorophores remain in close proximity. This
adsorption and disassembly is likely due to interactions
between the positively charged PEI and the net negatively
charged CCMV surface.1
To confirm the charge-charge interaction, the pH level is
changed and the fluorescent signal from the membrane
is studied. This is seen in
Figure 5 where the fluorescent
signal of the membrane is recorded before any change to
the pH level, after exposure to pH 3.8, and the signal of
adsorption of CCMV at neutral pH after the initial exposure
to pH 3.8. The observation of these fluorescent signals
confirm the electrostatic nature of the attraction between
the virus and the PEI coating. This could also lead to future
research on functionalized membrane regeneration.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com