| Electronic Components Datasheet Search |
|
CS-LD10 Datasheet(PDF) 4 Page - Wavelength Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
CS-LD10 Datasheet(HTML) 4 Page - Wavelength Electronics, Inc. |
|
4 / 5 page ![]() Case Study CS-LD10 Rev. A Page 4 © 2023 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com Figure 4. Fluorescence lifetime and intensity of labeled CCMV on PEI-coated PES membranes. (a) Fluorescence intensity measured on a PEI-coated membrane after exposure to a virus load of 7.7 × 1012 particles labeled. (b) Fluorescence lifetime image of the membrane shown in (a) obtained by fitting the measured fluorescence decays at each pixel to a single- exponential decay. (c) Fluorescence lifetime image of a PEI-coated PES membrane at a lower virus load of 7.7 × 1011 labeled particles. The fluorescence lifetime was obtained by fitting a single exponential to the fluorescence decay curves for each pixel. (d) Average fluorescence intensity per pixel on the PEI-coated PES membrane as a function of the virus load. (e) Peak normalized fluorescence decay observed on the filter after cumulative virus loads of approximately 1013 (red), 1012 (orange), 1011 (green), and 1010 virus particles/cm2 (blue) and the feed (black). The gray lines represent double- exponential fits to the data. (f) Lifetimes and fractional amplitudes obtained from fitting a double exponential to average fluorescence decays shown in (e).1 Figure 5. Fluorescence intensity of labeled CCMV on PEI-coated PES membranes: (a) before exposure to pH 3.8 and (b) after exposure to pH 3.8. (c) Adsorption of labeled CCMV at neutral pH after exposure to pH 3.8.1 The experiments of CCMV adsorption, inactivation, and disassembly on a PEI-coated PES membrane demonstrate a new method of quantifying the number of assembled virus particles in a filtrate and also characterizing the virus particles after membrane filtration. This technique also provides a new way to approach quantification of the fraction of disassembled, inactivated viruses in the filtrate, as well as a visualization of the inactivated viruses adsorbed on the membrane. Not only did this functionalized micro-filtration membrane adsorb viruses on the surface, but the interaction between the virus and PEI resulted in disassembly of the virus capsids, inactivating the virus.1 Further research may study different methods of membrane regeneration. This method of quantification and characterization of virus retention and inactivation with a polymer-functionalized membrane can be used for a wide range of applications in the medical and biological fields engaging in virus filtration. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |