Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD11 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # CS-LD11
Description  Laser Absorption of Atmospheric Ammonia for Mobile Measurements
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD11 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  CS-LD11 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD11 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD11 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD11 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD11 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Case Study CS-LD11 Rev. A
Page 2
© 2024 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
a more compact instrumentation solution. Methods,
such as direct absorption spectroscopy, photoacoustic
spectroscopy, integrated cavity output spectroscopy,
differential absorption spectroscopy, cavity ring-down
spectroscopy, and wavelength modulation spectroscopy
(WMS) with multi-pass cells have been utilized in near-
infrared or mid-infrared devices. However, very few of these
sensors are capable of sensitive, mobile measurements of
atmospheric ammonia. A successful, mobile, atmospheric
ammonia sensor achieves high sensitivity (<~1 ppb) while
having a fast temporal response (<~1 s), is compact, has
low mass, and has low power consumption for use on
ground or aerial vehicles.1
A previous wavelength modulation spectroscopy (WMS)
design satisfies all of these requirements but is used at
~9.0 µm output wavelength.1 Although the size, weight,
and packaging are all favorable, the system could be
improved upon for better atmospheric ammonia detection
with an alternative wavelength selection to access stronger
absorptions.
METHOD
Researchers from Colorado State University and Surprise,
AZ have developed an open-path WMS atmospheric
ammonia sensor that is relatively lightweight, low power,
and achieves ppb sensitivity using a quantum cascade
laser. This design is powered by a battery, making it
applicable to mobile measurements on a ground or aerial
vehicle. The mobile sensor allows access to hard-to-reach
or dangerous locations for ammonia detection.
With this open-path system, researchers utilized a Herriot
multi-pass cell to increase the effective path length of the
laser beam to 19.88 m with 28 round trips and, therefore,
increase the sensor's sensitivity. The laser source is a
distributed feedback quantum cascade laser (QCL) with a
center wavelength of 10.33 µm and a total output power of
30 mW. The developed ammonia sensor system, including
QCL, photodetector, multi-pass cell, and relative size, can
be seen in
Figure 2.
Figure 2. Open-path WMS based ammonia sensor.
Green arrows show the approximate beam path
(neglecting the multiple cell passes).1
Wavelength modulation for WMS and the wavelength
scan are both controlled by the current which is set by
Wavelength Electronics' FL500 laser driver. With WMS,
the first (1f) and second (2f) harmonic signals closely
resemble the first and second derivatives of the absorption
spectrum. By normalizing the 2f signal with the 1f signal,
absorption measurements are more immune to laser
power and atmospheric-induced fluctuations. With the
2f:1f measurement of ammonia, other absorption lines of
other species (H
2O and CO2) are negligible, isolating the
ammonia absorption and solving isolation problems with
most open-path configurations.1
The ammonia sensor is designed for both terrestrial
ground vehicles and unmanned aerial vehicles (UAVs).
Figure 3 shows the mounting setup on a truck for ground
deployments. The power draw of the system is low (30 W)
enabling battery operation from a standard automotive
battery seen at the bottom of
Figure 3. With the sensor
mounted on the roof of the truck, the open-path design can
sample ambient air during vehicle movement. With robust
mounting clamps and fasteners, the sensor is protected
from misalignment from driving on paved and gravel roads
and standard vibrations while driving. All experiments
with the ground-based setup lasted over 20 hours
proving the reliability of this technique. Typical tests
lasted approximately 1 hour capturing elevated ammonia
concentrations of automobile combustion and of cattle and
agricultural sources at the ground level.
Figure 3. (Top): Photograph of sensor vehicle roof
mount. (Bottom): Pictorial view of components used to
power the sensor for vehicle deployments.1
The ammonia sensor was also mounted to a wing of a
fixed-wing UAV for elevated ammonia measurements at
higher altitudes. Similarly to the ground setup, the sensor
can collect measurements in air with the open-path system.
Figure 4 shows the UAV ammonia sensor mounting.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com