Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD11 Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # CS-LD11
Description  Laser Absorption of Atmospheric Ammonia for Mobile Measurements
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD11 Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  CS-LD11 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD11 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD11 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD11 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD11 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Case Study CS-LD11 Rev. A
Page 4
© 2024 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Figure 7. (Top): The measured ammonia concentration
timeseries. (Bottom): The aerial view of the flight path
and the feedlot.1
For mobile detection, size, weight, and power consumption
are major concerns, yet the performance of the sensor is
critical for in-field ammonia detection applications. The
developed open-path ammonia sensor achieves a detection
limit of ~2.5 ppb in 3 s using WMS. The packaging is far
smaller and less power-hungry than previous methods.
With a mass of ~3.5 kg and a power draw of 30 W, the
sensor is perfectly designed for mobile deployment where
previous systems were too large and needed too much
power for battery operation. Using the laboratory and field
experiments as proof, the designed WMS ammonia sensor
using a QCL can open the door for a vast range of mobile
applications for ammonia detection in ambient conditions
on the ground and in the air.
Future work includes multiple measurement possibilities
for ammonia and methane detection, particularly in the
aerial deployment field.1 Additional sensors and data could
determine source location as well as quantity. This ties well
into plume dispersion studies of different compounds and
tracking sensitive species concentrations for managing air
quality problems.
WAVELENGTH'S ROLE
Laser absorption spectroscopy requires high precision
and accuracy, and researchers used high-performance
electronics to drive the laser system for ammonia gas
detection. Wavelength Electronics' laser driver enabled the
sensitive measurements and analysis required for ammonia
gas detection for mobile deployment.
Laser stability is critical for sensing low concentrations of
harmful gases in the air. Wavelength Electronics' low noise
laser diode driver, the FL500, can precisely deliver up to
500 mA of current and a compliance voltage of up to ~11 V
to the laser, a QCL in this study. Because laser power
stability or any fluctuations of the laser affect the spectra
data and linewidth of the QCL, the FL500 achieves current
stability at ambient temperature of 50 - 75 ppm for 24
hours, ensuring accurate and reliable results with the QCL.
The FL500 also has noise as low as 3 µA RMS at full scale
with a bandwidth of up to 500 kHz for current modulation
or wavelength scanning. The driver enabled easy and
precise wavelength scanning through the modulation of the
supplied current.
Laser safety features include slow start, brownout
protection, TTL-compatible shutdown pin, and current limit.
For mobile deployment, researchers not only needed a
reliable and safe laser driver - they also needed a compact
and lightweight design. The FL500 is approximately
19 x 11.5 x 6.5 mm and weighs only 0.08 oz. (2.23 g). The
small and compact design of the FL500 allows operation in
mobile deployment in ground and aerial vehicles for battery-
powered ammonia detection using WMS with a QCL.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com